Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 68 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 68 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 64Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 65Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 66Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 67Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 68Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 69Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 70Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 71Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 72Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 130 page
background image
NUC505
July. 26, 2018
Page 68 of 130
Rev.1.08
5
BLOCK DIAGRAM
NuMicro
® NUC505 Series Block Diagram
5.1
Clock Control
System PLL
Audio PLL
HS Ext. Crystal Osc.
12 MHz
LIRC / LS Ext.
Crystal Osc. 32.768 kHz
Connectivity
SD Host
USB 2.0 Full Speed Host
USB 2.0 High Speed Device
SPIM
Connectivity
I²C X 2
SPI X 2
UART X 3
General Purpose I/O
SRAM
128 KB
Memory
Power Control
LDO 1.2V
POR,
LVR, LVD
ADC/AUDIO/OTP
12-bit ADC
with 8-ch
24-bit
Audio Codec
I²S
Multi-entry OTP
ARM Cortex
® _M4
(DSP & FPU)
100 MHz
Timer / PWM
32-bit Timer
4-ch
RTC
(RTC_VDD33)
Watchdog
Timers
PWM
4-ch
AHB Bus
APB Bus
Figure 5.1-1 NuMicro
® NUC505 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com