Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 12 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 12 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 8Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 9Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 10Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 11Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 12Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 13Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 14Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 15Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 16Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 130 page
background image
NUC505
July. 26, 2018
Page 12 of 130
Rev.1.08
─
Supports 1-bit Transfer mode
─
Configurable bit length of a transfer word from 8 to 32-bit
─
Provides separate 8-level depth transmit and receive FIFO buffers
─
Supports MSB first or LSB first transfer sequence
─
Supports the byte reorder function
─
Supports Byte or Word Suspend mode
─
Supports 3-wired, no slave select signal, bi-direction interface
─
Supports up to 50 MHz
I
2C
─
Supports up to two sets of I
2C devices
─
Supports Master/Slave mode
─
Bidirectional data transfer between masters and slaves
─
Multi-master bus (no central master)
─
Arbitration between simultaneously transmitting masters without corruption of
serial data on the bus
─
Serial clock synchronization allows devices with different bit rates to communicate
via one serial bus
─
Serial clock synchronization can be used as a handshake mechanism to suspend
and resume serial transfer
─
Programmable clocks allow versatile rate control
─
Supports multiple address recognition (four slave address with mask option)
─
Supports SMBus and PMBus
─
Supports speed up to 1Mbps
─
Supports multi-address Power-down wake-up function
PWM
─
Four 16-bit timers
─
Programmable duty control of output waveform (PWM)
─
Auto reload mode or one-shot pulse mode
─
Capture and compare function
RTC
─
Supports external power pin RTC_VDD33
─
Supports 32.768 kHz crystal oscillation circuit
─
Supports RTC counter (second, minute, hour) and calendar counter (day, month,
year)
─
Supports Alarm registers (second, minute, hour, day, month, year)
─
Supports 32 bytes spare registers
─
Wake up from Deep Power-down mode or from Power-down mode
─
Supports wake up from Power-down mode by input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com