Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 85 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 85 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 81Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 82Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 83Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 84Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 85Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 86Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 87Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 88Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 89Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 130 page
background image
NUC505
July. 26, 2018
Page 85 of 130
Rev.1.08
6.3.2
Clock Diagram
12 MHz
PLL_FOUT
SRAM01
RTC
CPU
SRAM23
External
32.768
kHz
CPUCLK
HCLK
12 MHz
SPIM
APLL_FOUT
12 MHz
Internal 32.768 kHz
1
0
External 32.768 kHz
PLL_FOUT
1
0
12 MHz
1/(SYSCLK_N+1)
PCLK
1/(PCLKDIV_N+1)
Internal
32.768
kHz
I2C0
I2C1
RTC_CLKSRC[0]
RTC_32K
RTC_32K
1
0
12MHz
CLKDIV4[24]
CLKDIV0[7]
RTC_32K
1
0
12MHz
CLKDIV4[25]
TMR1
RTC_32K
1
0
12MHz
CLKDIV4[26]
TMR2
RTC_32K
1
0
12MHz
CLKDIV5[24]
TMR 3
RTC_32K
1
0
12MHz
CLKDIV5[25]
WDT
PLL_FOUT
1
0
12MHz
CLKDIV5[26]
PWM
PLL_FOUT
1
0
12MHz
CLKDIV3[20]
UART2
PLL_FOUT
1
0
12MHz
CLKDIV3[12]
UART1
PLL_FOUT
1
0
12MHz
CLKDIV3[4]
UART0
Reserved
12MHz
APLL_FOUT
PLL_FOUT
CLKDIV2[25:24]
11
10
01
00
I
2S
1/(TMR2DIV+1)
1/(TMR1DIV+1)
TMR0
1/(TMR0DIV+1)
1/(PWMDIV+1)
1/(WDGCLK_N+1)
1/(TMR3DIV+1)
1/(UART2DIV+1)
1/(UART1DIV+1)
1/(UART0DIV+1)
1/(I2SDIV+1)
PLL_FOUT
1
0
12MHz
CLKDIV2[29]
SPI1
1/(SPI1_CLKDIV+1)
PLL_FOUT
1
0
12MHz
CLKDIV2[28]
SPI0
1/(SPI0_CLKDIV+1)
PLL_FOUT
1
0
12MHz
CLKDIV1[28]
ADC
1/(ADCDIV+1)
1
0
SysTick
CLKDIV1[30]
CPUCLK
1/(STICKDIV+1)
12MHz
PLL_FOUT
1
0
12MHz
SDHC
1/(SDHDIV+1)
SYST_CSR[2]
PLL_FOUT
1
0
12MHz
USBD
1/(USBDDIV+1)
PLL_FOUT
USBH
1/(USBHDIV+1)
CLKDIV0[23]
Figure 6.3-1 Clock Generator Global View Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com