Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 91 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 91 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 87Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 88Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 89Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 90Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 91Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 92Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 93Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 94Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 95Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 130 page
background image
NUC505
July. 26, 2018
Page 91 of 130
Rev.1.08
PWM Generator and Capture Timer (PWM)
6.6
6.6.1
Overview
The NUC505 series has one PWM generator that can support four channels PWM output or four
channels input capture sharing the same pins (PWM_CH0/ PWM_CH1/PWM_CH2/PWM_CH3).
The PWM generator has a 16-bit PWM counter and comparator, and the PWM generator
supports two standard PWM output modes: Independent output mode and Complementary output
mode with 8-bit Dead-time generator. Each mode can be used as a timer and issues interrupt
independently. In addition, It also has an 8-bit prescaler and clock divider with 5 divided
frequencies (1, 1/2, 1/4, 1/8, 1/16) to support wide range clock frequency of PWM counter. For
PWM output control unit, it supports polarity output function.
The PWM generator also supports input capture function. It supports latch PWM counter value to
corresponding register when input channel has a rising transition, falling transition or both
transition is happened.
After the capture feature is enabled, the capture always latches PWM-counter to RCAPDATn
when input channel has a rising transition and latched PWM-counter to FCAPDATn when input
channel has a falling transition. Capture channel 0 interrupt is programmable by setting CRLIEN0
(PWM_CAPCTL01[1]) (Rising latch Interrupt enable) and CFLIEN0 (PWM_CAPCTL01[2]) (Falling
latch Interrupt enable) to determine the condition of interrupt occur. Capture channel 1 has the
same feature by setting CRLIEN1 (PWM_CAPCTL01[17]) and CFLIEN1 (PWM_CAPCTL01[18]).
The
capture
channel
2
&
3
has
the
same
feature
by
setting
CRLIEN2
(PWM_CAPCTL23[1]),CFLIEN2 (PWM_CAPCTL23[2]) and CRLIEN3 (PWM_CAPCTL23[17]),
CFLIEN3 (PWM_CAPCTL23[18]) respectively. Whenever Capture issues Interrupt 0/1/2/3, the
PWM counter 0/1/2/3 will be reload at this moment.
There are only four interrupts from PWM. PWM 0 and Capture 0 share the same interrupt; PWM 1
and Capture 1 share the same interrupt and so on. Therefore, PWM function and Capture
function in the same channel cannot be used at the same time.
6.6.2
Features
PWM function features
6.6.2.1
 Supports 4 PWM output channels with 16-bit resolution
 Supports 8-bit prescaler and clock divider
 Supports 4 PWM interrupts
 Supports One-shot or Auto-reload PWM counter operation mode
 Supports 8-bit Dead-time
Capture function features
6.6.2.2
 Supports 4 capture input channels with 16-bit resolution
 Supports rising or falling capture condition
 Supports 4 Capture interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com