Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 73 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 73 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 69Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 70Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 71Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 72Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 73Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 74Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 75Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 76Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 77Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 130 page
background image
NUC505
July. 26, 2018
Page 73 of 130
Rev.1.08
6.2.3
System Power-on Setting
The power-on setting is used to configure the chip to enter the specified state when the chip is
powered up or reset. Since each pin of power-on setting has an internal pulled-up resistor during
reset period, if the application needs to set the configuration to
“0”, the proper pull-down must be
added for the corresponding configuration pins.
PB.4
PB.3
PA.10
PA.9
Description
Register Mapping
1
1
1
1
Boot from Internal MCP SPI Flash
SYS_BOOTSET[3:0]
1
1
1
0
Boot from USB
SYS_BOOTSET[3:0]
1
1
0
1
Boot from External SPI Flash
SYS_BOOTSET[3:0]
1
0
1
1
Boot from ICP Mode
SYS_BOOTSET[3:0]
0
1
1
1
SWD/ICE Mode with Internal SPI Flash
SYS_BOOTSET[3:0]
0
1
1
0
SWD/ICE Mode with External SPI Flash
SYS_BOOTSET[3:0]
Table 6.2-1 System Power-on Setting Guide
6.2.4
System Power Distribution
In this chip, power distribution is divided into five segments:
Audio CODEC power from AVDDCODEC, AVDDHP, and AVSSHP provides the power for
audio CODEC operation.
Analog-to-Digital converter (ADC) power from AVDDADC and AVSSADC provides the
power for ADC operation.
Digital power from VDD and VSS supplies the power to the internal regulator which
provides a fixed 1.2 V power for digital operation and I/O pins.
USB transceiver power from AVDDUSB offers the power for operating the USB
transceiver.
RTC power from VBAT provides the power for RTC and 80 bytes backup registers.
The outputs of internal voltage regulators, LDO and VDD, require an external capacitor which
should be located close to the corresponding pin. Analog power (AVDDCODEC and AVDDADC) should
be the same voltage level of the digital power (VDD). The following figure shows the power
distribution of the NuMicro
® NUC505.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com