Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 88 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 88 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 84Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 85Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 86Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 87Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 88Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 89Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 90Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 91Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 92Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 130 page
background image
NUC505
July. 26, 2018
Page 88 of 130
Rev.1.08
General Purpose I/O (GPIO)
6.4
6.4.1
Overview
The NUC505 series has up to 52 General Purpose I/O pins to be shared with other function pins
depending on the chip configuration. The 52 pins are arranged in 4 ports named as PA, PB, PC,
and PD. PA and PB have 16 pins on port, PC has 15 pins on port, and PD has 5 pins on port.
Each of the 52 pins is independent and has the corresponding register bits to control the pin
mode function and data.
The I/O type of each I/O pins can be configured by software individually as Input or Push-pull
output mode. After the chip is reset, the I/O mode of all pins is input mode with no pull-up and
pull-down enable (except PB.2, it is pull-up enable). Each I/O pin has an individual pull-up and
pull-down resistor which is about 40 k
 ~ 50 k for VDD and Vss. User can set Px_PUEN to
control I/O pins to pull-up or pull-down.
PAD
PIN[n]
(Px_PIN)
PULLSEL[0]
(Px_PUEN)
PULLSEL[1]
(Px_PUEN)
MODE[n]
(Px_MODE)
DOUT[n]
(Px_DOUT)
Note: Px_ means PA_, PB_, PC_, or PD_
Figure 6.4-1 I/O Pin Block Diagram
6.4.2
Features
Two I/O modes:
Push-Pull Output mode
Input only with high impendence mode
CMOS/Schmitt trigger input selectable (refers SYS_GPAIBE register on TRM)
I/O pin can be configured as interrupt source with edge setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com