Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 76 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 76 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 72Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 73Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 74Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 75Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 76Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 77Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 78Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 79Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 80Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 130 page
background image
NUC505
July. 26, 2018
Page 76 of 130
Rev.1.08
6.2.6
SRAM Memory Organization
The NUC505 supports embedded SRAM with a total of 128 Kbytes and the SRAM organization is
separated to four banks: SRAM bank0, SRAM bank1, SRAM bank2, and SRAM bank3. Each of these
four banks has 32 Kbytes address space and can be accessed simultaneously.
Supports a total of 128 Kbytes SRAM
Supports byte / half word / word write
Supports fixed 32 Kbytes SRAM banks for independent access
Supports remap address to 0x1FF0_0000
Supports remap arbitrary memory block of 128 Kbytes SRAM to 0x0000_0000 by using
vector map module
AHB interface
controller
SRAM decoder
SRAM bank0
SRAM bank1
SRAM decoder
AHB interface
controller
AHB interface
controller
SRAM decoder
SRAM bank2
AHB interface
controller
SRAM decoder
SRAM bank3
Figure 6.2-2 SRAM Block Diagram
Figure 6.2-3 shows the SRAM organization of NUC505. There are four SRAM banks in NUC505 and
each bank is addressed to 32 Kbytes. The bank0 address space is from 0x2000_0000 to
0x2000_7FFF. The bank1 address space is from 0x2000_8000 to 0x2000_FFFF. The bank2 address
space is from 0x2001_0000 to 0x2001_7FFF. The bank3 address space is from 0x2001_8000 to
0x2001_FFFF.
The address of each bank is remapping from 0x2000_0000 to 0x1FF0_0000. CPU can access SRAM
bank0 through 0x2000_0000 to 0x2000_7FFF or 0x1FF0_0000 to 0x1FF0_7FFF, SRAM bank1
through 0x2000_8000 to 0x2000_FFFF or 0x1FF0_8000 to 0x1FF0_FFFF, SRAM bank2 through
0x2001_0000 to 0x2001_7FFF or 0x1FF1_0000 to 0x1FF1_7FFF, and SRAM bank3 through
0x2001_8000 to 0x2001_FFFF or 0x1FF1_8000 to 0x1FF1_FFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com