Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 9 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 9 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 5Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 6Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 7Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 8Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 9Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 10Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 11Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 12Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
NUC505
July. 26, 2018
Page 9 of 130
Rev.1.08
2
FEATURES
NUC505 Features
2.1
Core
─
ARM
® Cortex® -M4F core running up to 100 MHz
─
Supports DSP extension with hardware divider
─
Supports IEEE 754 compliant Floating Point Unit (FPU)
─
Supports Memory Protection Unit (MPU)
─
One 24-bit system timer
─
Supports Power-down mode by WFI and WFE instructions
─
Single-cycle 32-bit hardware multiplier
─
Supports programmable 16 level priorities of Nested Vectored Interrupt Controller
(NVIC)
─
Supports programmable mask-able interrupts
─
Boots from SPI Flash Memory or USB Device
SRAM Memory
─
128 KB embedded SRAM with zero-wait state
─
Supports byte-, half-word- and word-access
SPI Memory Interface Controller
─
Supports external SPI Flash memory
─
Supports code protection
─
Supports DMA mode for code transfer from SPI Flash memory to SRAM
─
Supports CPU direct read from SPI Flash memory.
─
Supports standard (1-bit), dual (2-bit), and quad (4-bit) I/O transfer mode
─
Supports general SPI master interface protocol
Embedded SPI Flash
─
512 KB/ 2 MB SPI Flash
─
Configurable program code/data allocation
─
Supports 2-wired ICP update through SWD/ICE interface
─
Supports ISP update
─
Supports standard (1-bit), dual (2-bit), and quad (4-bit) I/O transfer mode
─
Supports 100 MHz clock for standard I/O transfer mode
─
Supports 80 MHz clock for dual and quad I/O transfer mode
Security for code protection
─
128-bit key for code protection against pirating
─
Up to 15 times programming of the key
Clock Control
─
Built-in 32.768 kHz internal low speed RC oscillator (LIRC) for RTC function,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com