Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 9Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 10Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 11Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 12Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 13Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 14Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 15Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 16Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
NUC505
July. 26, 2018
Page 13 of 130
Rev.1.08
─
Supports chip Power-off by register setting
─
Supports Power-on time-out for low battery protection
Analog to Digital Converter
─
Analog input voltage range: 0~ AVDD
─
Supports single 12-bit SAR ADC conversion
─
12-bit resolution and 10-bit accuracy is guaranteed
─
Up to 1MSPS conversion with ADC_CH1, and up to 200 kSPS with others (except
ADC_CH0).
─
Up to 8 external single-ended analog input channels
─
Supports single ADC interrupt
─
An A/D conversion can be triggered by software control
Built-in LDO with operating voltage 3.3V
Low Voltage Detector (LVD)
─
With 2 levels: 2.8V / 2.6V
Low Voltage Reset (LVR)
─
Threshold voltage level: 2.4 V
Power Management
─
Advanced power management including Deep Power-down, Power-down, Idle and
Normal Operating modes
─
Normal Operating mode
CPU runs normally and all clocks on; the current consumption is around 46 mA
(at 96 MHz CPU clock)
─
Idle mode
CPU clock stop, and all other clocks on
─
Power-down mode
All clocks stop, except LXT and LIRC, with SRAM retention; the current
consumption is around 700 uA
─
Deep Power-down mode
All clocks stop, except LXT and LIRC, without SRAM retention; the current
consumption is around 7 uA
Operating Temperature: -40℃~+85℃
Packages
─
All Green package (RoHS)
─
QFN 88-pin (10mm x 10mm)
─
LQFP 64-pin (7mm x 7mm)
─
LQFP 48-pin (7mm x 7mm)
─
QFN 48-pin (7mm x 7mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com