Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 119 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 119 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 115Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 116Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 117Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 118Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 119Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 120Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 121Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 122Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 123Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 130 page
background image
NUC505
July. 26, 2018
Page 119 of 130
Rev.1.08
7.4.8
SPI Dynamic Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
SPI Master Mode (VDD = 3.0 V ~ 3.6 V, 0 pF loading Capacitor)
tDS
Data setup time
0
-
-
ns
tDH
Data hold time
4.5
-
-
ns
tV
Data output valid time
-
2
4
ns
SPI Slave Mode (VDD = 3.0 V ~ 3.6 V, 0 pF loading Capacitor)
tDS
Data setup time
0
-
-
ns
tDH
Data hold time
4.5
-
-
ns
tV
Data output valid time
-
18
24
ns
Figure 7.4-3 SPI Master Mode Timing Diagram
CLKP=0, TX_NEG=1, RX_NEG=0
or
CLKP=1, TX_NEG=0, RX_NEG=1
CLKP=0, TX_NEG=0, RX_NEG=1
or
CLKP=1, TX_NEG=1, RX_NEG=0
MISO
MOSI
Data Valid
Data Valid
Data Valid
Data Valid
SPICLK
MISO
MOSI
Data Valid
Data Valid
Data Valid
Data Valid
CLKP=0
CLKP=1
tV
tDS
tDH
tV
tDS
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com