Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC505-YO2T Datasheet(PDF) 129 Page - Nuvoton Technology Corporation

Part # NUC505-YO2T
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2T Datasheet(HTML) 129 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2T Datasheet HTML 122Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 123Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 124Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 125Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 126Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 127Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 128Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 129Page - Nuvoton Technology Corporation NUC505-YO2T Datasheet HTML 130Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 129 / 130 page
background image
NUC505
July. 26, 2018
Page 129 of 130
Rev.1.08
10 REVISION HISTORY
Date
Revision
Description
2014.04.23
1.01
Preliminary version
2015.05.28
1.02
1.
Added new part number: NUC505DLA, NUC505YLA, and NUC505DSA in
Chapter 4.
2.
Updated embedded SPI Flash memory size to 512 KB for new part number.
2015.11.04
1.04
1.
Added a note to indicate that NUC505DS13Y only supports Headphone Out in
section 4.1.1.
2.
Added a note to indicate the packages are not pin-to-pin compatible in section
4.1.1
.
3.
Added section 9.2 QFN 48 (7x7x0.8mm) package specification.
4.
Added part number NUC505YLA2Y in section 4.1.1, 4.2.4, and 4.3.4.
5.
Replaced power mode name of Sleep mode and Deep-sleep mode with Idle
mode and Power-down mode respectively.
2016.05.09
1.05
1.
Added a note to Pin Diagram and Pin Description for QFN 48/88-pin packages.
2016.12.02
1.06
1.
Corrected the typo in the Pin Configuration section 4.2.4/4.2.5/4.2.6 and Pin
Description section 4.3.5.
2.
Modified section 4.1.1 NUC505DLA and NUC505YLA SPI should be two.
3.
Modified pin name from VBUS to VBUS33.
2017.08.15
1.07
1.
Modified VBUS33 pin description.
2.
Modified USB transceiver power description in section 6.2.4.
3.
Modified USB Host clock source only from PLL in section 6.3.2.
4.
Modified VCMBF pin description in section 4.3.7.
5.
Fixed VFS unit typo in section 7.4.2.
2018.07.26
1.08
1.
Revised the SWD interface in chapter 8.
2.
Fixed idle mode operating current in section 7.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com