Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C84A-2JS Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM82C84A-2JS
Description  CLOCK GENERATOR AND DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C84A-2JS Datasheet(HTML) 2 Page - OKI electronic componets

  MSM82C84A-2JS Datasheet HTML 1Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 2Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
¡ Semiconductor
MSM82C84A-2RS/GS/JS
PIN CONFIGURATION (TOP VIEW)
18 pin Plastic DIP
24 pin Plastic SOP
20 pin Plastic QFJ
18
17
16
15
14
RDY2
AEN2
RDY1
READY
NC
4
5
6
7
8
ASYNC
EFI
F/C
NC
X2
X2
NC
ASYNC
EFI
NC
F/C
OSC
NC
X1
RES
RESET
NC
AEN1
RDY1
READY
NC
RDY2
AEN2
NC
CSYNC
PCLK
CLK
GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Vcc
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
ASYNC
EFI
F/C
OSC
X2
X1
RES
RESET
AEN1
RDY1
READY
RDY2
AEN2
CSYNC
PCLK
CLK
GND
VCC
(NC not connected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com