Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C84A-2JS Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM82C84A-2JS
Description  CLOCK GENERATOR AND DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C84A-2JS Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM82C84A-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 17Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 18Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14/18
¡ Semiconductor
MSM82C84A-2RS/GS/JS
3-2) AC Charasteristics
1) MSM82C84A and MSM82C84A-2
As shown above, the MSM82C84A-2 satisfies the characteristics (except for Input Rise/Fall Time)
of the MSM82C84A.
1) MSM82C84A-5 and MSM82C84A-2
As shown above, the MSM82C84A-2 satisfies the characteristics of the MSM82C84A-5.
Parameter
Symbol
MSM82C84A-5
MSM82C84A-2
EFI High Time
20 ns minimum
13 ns minimum
EFI Low Time
20 ns minimum
17 ns minimum
tEHEL
tELEH
—
tCHCL
Crystal Frequency
15 MHz maximum
24 MHz maximum
CLK Period
200 ns minimum
125 ns minimum
EFI Period
tELEL
66 ns minimum
36 ns minimum
Parameter
Symbol
MSM82C84A
MSM82C84A-2
Input Rise Time
20 ns maximum
15 ns maximum
Input Fall Time
20 ns maximum
15 ns maximum
tILIH
tILIH
tCLCH
tCH1CH2
tPHPL
tRYHCH
CLK Low Time
119 ns minimum
2/3 tCLCL -15 ns minimum
CLK Rise/Fall Time
15 ns maximum
10 ns maximum
PCLK High Time
180 ns minimum
tCLCL -20 ns minimum
READY Falling to CLK Rising
114 ns minimum
2/3 tCLCL -15 ns minimum
tPLPH
PCLK Low Time
180 ns minimum
tCLCL -20 ns minimum
CLK High Time
tCHCL
tCL1CL2
65 ns minimum
1/3 tCLCL +2 ns minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com