Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C84A-2JS Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM82C84A-2JS
Description  CLOCK GENERATOR AND DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C84A-2JS Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM82C84A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/18
¡ Semiconductor
MSM82C84A-2RS/GS/JS
EXAMPLE OF USE (CSYNC)
The MSM82C84A-2 1/3 frequency divider counter is unsettled when the power is switched
on. Therefore, the CSYNC pin has been included to synchronize CLK with another signal.
When CSYNC is at high level, both CLK and PCLK are high-level outputs. If CSYNC is then
switched to low level, CLK is output from the next input clock rising edge, and is divided
by 3.
If CSYNC has not been synchronized with the input clock, use the following circuit to
achieve the required synchronization
External Sychronizing
Signal

D
CK≠
Q
D
CKØ
Q
EFI
CLK
CLK
CSYNC
MSM
82C84A-2
External Clock
Signal (EFI)
When an external clock EFI is used as the clock source
External Sychronizing
Signal
D
CK≠
Q
D
CKØ
Q
OSC
CLK
F/C
CSYNC
MSM
82C84A-2
When the crystal oscillator is used as the clock source
CLK
X1
X2
NOTES ON USE
The MSM82C84A-2 cannot be used if the MSM80C86A-10 or MSM80C88A-10 is used within the
range of 8 MHz < operating frequency £ 10 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com