Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C84A-2JS Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM82C84A-2JS
Description  CLOCK GENERATOR AND DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C84A-2JS Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM82C84A-2JS Datasheet HTML 2Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6/18
¡ Semiconductor
MSM82C84A-2RS/GS/JS
PIN DESCRIPTION
CSYNC
Name
Clock
Synchronization
Single
Input
Pin Symbol
Input/Output
Function
AEN1
AEN2
Address Enable
Signals
Input
RDY1
RDY2
Bus Ready
Signals
Input
READY
Ready Output
Output
CLK
Clock Output
Output
RES
Reset in
Input
Synchronizing signal for output of in-phase CLK signals when more
than one MSM82C84A-2 is used.
The internal counter is reset when this signal is at high level, and a
high level CLK output is generated. The internal counter is
subsequently activated and a 33% duty CLK output is generated when
this signal is switched to low level.
When this signal is used, external synchronization of EFI is necessary.
When the internal oscillator is used, it is necessary for this pin to be
kept to be low level.
PCLK
Output
This peripheral circuit clock signal is output in a 50% duty cycle at
a frequency half that of the clock signal.
The AEN1 signal enables RDY1, and the AEN2 signal RDY2.
The respective RDY inputs are activated when the level applied to
these pins is low.
Although two separate inputs are used in multi-master systems, only
the AEN which enables the RDY input to be used is to be switched to
low level in the case of not using multi-master systems.
Completion of data bus reading and writing by the device connected
to the system data bus is indicated when one of these signals is
switched to high level.
The relevant RDY input is enables only when the corresponding AEN
is at low level.
This signal is obtained by synchronizing the bus ready signal with
CLK.
This signal is output after guaranteeing the hold time for the
CPU in phase with the RDY input.
This signal is the clock used by the CPU and peripheral devices
connected to the CPU system data bus. The output waveform is
generated in a 33% duty cycle at a frequency 1/3 the oscillating
frequency of the crystal oscillator connected to the X1 and X2 pins,
or at a frequency 1/3 the EFI input frequency.
This low-level active input is used to generate a CPU reset signal.
Since a Schmitt trigger is included in the input circuit for this signal,
"power on resetting" can be achieved by connection of a simple RC
circuit.
RESET
Reset Output
Output
This signal is obtained by CLK synchronization of the input signal
applied to RES and is output in opposite phase to the RES input.
This signal is applied to the CPU as the system reset signal.
This signal selects the fundamental signal for generation of the CLK
signal. The CLK is generated from the crystal oscillator output when
this signal is at low level, and from the EFI input signal when at high
level.
The signal applied to this input pin generaters the CLK signal when
F/C is at high level. The frequency of the input signal needs to be
three times greater than the desired CLK frequency.
F/C
Clock Select
Signal
Input
OSC
Crystal
Resonator
Output
Output
EFI
External Clock
Signal
Input
Peripheral Clock
Output
Crystal oscillator connections.
The crystal oscillator frequency needs to be three times greater than
the desired CLK frequency.
X1, X2
Crystal Oscillator
Connecting Pins
Input
Crystal oscillator output. This output frequency is the same as the
oscillating frequency of the oscillator connected to the X1 and X2
pins. As long as a Xtal oscillator is connected to the X1 and X2 pins,
this output signal can be obtained independently even if F/C is set to
high level to enable the EFI input to be used CLK generation purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com