Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C84A-2JS Datasheet(PDF) 15 Page - OKI electronic componets

Part # MSM82C84A-2JS
Description  CLOCK GENERATOR AND DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C84A-2JS Datasheet(HTML) 15 Page - OKI electronic componets

Back Button MSM82C84A-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 17Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 18Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/18
¡ Semiconductor
MSM82C84A-2RS/GS/JS
4) Notices on use
Note the following when replacing devices as the ASYNC pin is differently treated between the
MSM82C84A and the MSM82C84A-5/MSM82C84A-2:
Case 1: When only a pullup resistor is externally connected to.
The MSM82C84A can be replaced by the MSM82C84A-2.
Case 2: When only pulldown resistor is externally connected to.
When the pulldown resistor is 8 kiloohms or less, the MSM82C84A can be replaced by the
MSM82C84A-2.
When the pulldown resistor is greater than 8 kiloohms, use a pulldown resistor of 8 kiloohms or less.
Case 3: When an output of the other IC device is connected to the device.
The MSM82C84A can be replaced by the MSM82C84A-2 when the IOL pin of the device to drive the
ASYNC pin of the MSM82C84A-2 has an allowance of 100 mA or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com