Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C84A-2JS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM82C84A-2JS
Description  CLOCK GENERATOR AND DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C84A-2JS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM82C84A-2JS Datasheet HTML 1Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 2Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
¡ Semiconductor
MSM82C84A-2RS/GS/JS
AC CHARACTERISTICS
(2)
Parameter
Symbol
Min.
Max.
Unit
CLK Cycle Time
CLK "H" Pulse Width
CLK Rising and Falling Edge
Times
CLK "L" Pulse Width
Conditions
PCLK "H" Pulse Width
Time from READY Falling Edge
to CLK Falling Edge
Time from READY Rising Edge
to CLK Rising Edge
Delay from CLK Falling Edge
to RESET Falling Edge
Delay from CLK Falling Edge
to PCLK Rising Edge
Delay from CLK Falling Edge
to PCLK Falling Edge
Delay from OSC Falling Edge
to CLK Falling Edge
Output Rising Edge Time
(Except CLK)
Output Falling Edge Time
(Except CLK)
tCLCL
tCHCL
tCLCH
tCH1CH2
tPHPL
tRYLCL
tRYHCH
tCLIL
tCLPH
tCLPL
tOLCL
tOLOH
tOHOL
125
—
TCLCL –20
-8
—
—
—
2
—
—
10
—
—
—
40
22
22
35
—
—
—
15
15
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
—
Output Load
Capacitance
CLK Output
CL = 100 pF
Others 30 pF
(VCC = 5 V ± 10%, Ta = -40 to 85°C)
PCLK "L" Pulse Width
tCL2CL1
tPLPH
Delay from OSC Falling Edge
to CLK Rising Edge
tOLCH
1
3
TCLCL + 2
2
3
TCLCL –15
TCLCL –20
2
3
TCLCL –15
–5
—
22
ns
—
—
1.0 V to 3.5 V
—
—
—
—
—
—
—
—
—
0.8 V to 2.2 V
2.2 V to 0.8 V
Note: Parameters where timing has not been indicated in the above table are measured at
VL = 1.5 V and VH = 1.5 V for both inputs and outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com