Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C84A-2JS Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM82C84A-2JS
Description  CLOCK GENERATOR AND DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C84A-2JS Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM82C84A-2JS Datasheet HTML 9Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 10Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 11Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 12Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
¡ Semiconductor
MSM82C84A-2RS/GS/JS
Differences between MSM82C84A and MSM82C84A-5/MSM82C84A-2
1) Manufacturing Process
All these devices use a 3 m Si-Gate CMOS process technology.
The chip size of these devices is same.
The chip of the MSM82C84A-5 is entirely identical to that of the MSM82C84A-2.
2) Functions
3) Electrical Characteristics
3-1) DC Characteristics
As shown above, the MSM82C84A-5/MSM82C84A-2 satisfies the characteristics (except for VOL
and input current (ASYNC) of the MSM82C84A.
Item
MSM82C84A
MSM82C84A-5/-2
Internal processing of ASYNC pin
Normal CMOS input pin
Input pin with built-in pull up resistor
Notes on use
The pin should have a pullup or
pulldown resistor if it is unused.
The value of pulldown resistor
(when used) is limited. (See page 3.)
Parameter
Symbol
MSM82C84A
MSM82C84A-5/-2
''L''Level Output Voltage (CLK)
0.45 V maximum (+5 mA)
0.40 V maximum (+4 mA)
''L''Level Output Voltage
(Other than CLK)
0.45 V maximum (+5 mA)
0.40 V maximum (+2.5 mA)
VOL
VOL
VOH
VOH
VIHR-
VILR
ILIA
ILI
ICCS
''H''Level Output Voltage (CLK)
3.7 V minimum (-1 mA)
VCC-0.1 V minimum (-4 mA)
''H''Level Output Voltage
(Other than CLK)
3.7 V minimum (-1 mA)
VCC-0.1 V minimum (-1 mA)
RES Input Hysteresis Width
0.25 V minimum
0.2 ¥ VCC min
Input Current (ASYNC)
-10 mA to +10 mA
-100 mA~+10 mA
Input Leak Current
-10 mA to +10 mA
-1 mA~+1 mA
Supply Current (Standby)
100 mA maximum
40 mA maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com