Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C84A-2JS Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM82C84A-2JS
Description  CLOCK GENERATOR AND DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C84A-2JS Datasheet(HTML) 1 Page - OKI electronic componets

  MSM82C84A-2JS Datasheet HTML 1Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 2Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
¡ Semiconductor
MSM82C84A-2RS/GS/JS
GENERAL DESCRIPTION
The MSM82C84A-2RS/GS is a clock generator designed to generate MSM80C86A-10 and
MSM80C88A-10 system clocks of 8MHz.
Due to the use of silicon gate CMOS technology, standby current is only 40 mA (MAX.), and the
power consumption is very low with 16 mA (MAX.) when a 8 MHz clock is generated.
FEATURES
• Operating frequency of 6 to 24 MHz (CLK output 2 to 8 MHz)
•3 m silicon gate CMOS technology for low power consumption
• Built-in crystal oscillator circuit
• 3 V to 6 V single power supply
• Built-in synchronized circuit for MSM80C86A-10 and MSM80C88A-10 READY and RESET
• TTL compatible
• Built-in Schmitt trigger circuit (RES input)
• 18-pin Plastic DIP (DIP18-P-300-2.54): (Product name: MSM82C84A-2RS)
• 20-pin Plastic QFJ (QFJ20-P-S350-1.27): (Product name: MSM82C84A-2JS)
• 24-pin Plastic SOP (SOP24-P-430-1.27-K): (Product name: MSM82C84A-2GS-K)
FUNCTIONAL BLOCK DIAGRAM
¡ Semiconductor
MSM82C84A-2RS/GS/JS
CLOCK GENERATOR AND DRIVER
RESET
OSC
PCLK
CLK
READY
D
C
Q
1
2
1
3
S
Y
N
C
S
Y
N
C
D
C
Ø
Q
(F2)
D
C
≠
Q
(F1)
RES
x1
x2
F/C
EFI
CSYNC
RDY1
AEN1
AEN2
ASYNC
RDY2
Crystal
Oscillator
E2O0012-27-X2
This version: Jan. 1998
Previous version: Aug. 1996


Similar Part No. - MSM82C84A-2JS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C88-2GS OKI-MSM82C88-2GS Datasheet
667Kb / 10P
BUS CONTROLLER
MSM82C88-2JS OKI-MSM82C88-2JS Datasheet
667Kb / 10P
BUS CONTROLLER
MSM82C88-2RS OKI-MSM82C88-2RS Datasheet
667Kb / 10P
BUS CONTROLLER
More results

Similar Description - MSM82C84A-2JS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8224 NSC-DP8224 Datasheet
143Kb / 8P
Clock Generator and Driver
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
CMOS CLOCK GENERATOR & DRIVER
logo
NEC
UPD71084 NEC-UPD71084 Datasheet
296Kb / 8P
Clock Pulse Generator/Driver
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
CLOCK GENERATOR AND DRIVER
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Intel Corporation
8224 INTEL-8224 Datasheet
231Kb / 5P
CLOCK GENERATOR AND DRIVER FOR 8080A CPU
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
CMOS Clock Generator Driver
MPC9315 RENESAS-MPC9315 Datasheet
441Kb / 19P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
October 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com