Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM82C84A-2JS Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM82C84A-2JS
Description  CLOCK GENERATOR AND DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C84A-2JS Datasheet(HTML) 4 Page - OKI electronic componets

  MSM82C84A-2JS Datasheet HTML 1Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 2Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 3Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 4Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 5Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 6Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 7Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 8Page - OKI electronic componets MSM82C84A-2JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/18
¡ Semiconductor
MSM82C84A-2RS/GS/JS
AC CHARACTERISTICS
(1)
Parameter
Symbol
Min.
Max.
Unit
EFI "H" Pulse Width
EFI "L" Pulse Width
Crystal Oscillator Frequency
Set up Time of RDY 1 or RDY 2 to
CLK Falling Edge (Active)
EFI Cycle Time
Conditions
Set up Time of RDY 1 or RDY 2 to
CLK Rising Edge (Active)
Set up Time of RDY 1 or RDY 2 to
CLK Falling Edge (Inactive)
Hold Time of RDY 1 or RDY 2 to
CLK Falling Edge
Set up Time of ASYNC to CLK
Falling Edge
Hold Time of ASYNC to
CLK Falling Edge
Set up Time of AEN 1 (AEN 2) to
RDY 1 (RDY 2) Rising Edge
Hold Time of AEN 1 (AEN 2) to
CLK Falling Edge
Set up Time of CSYNC to EFI
Rising Edge
Hold Time of CSYNC to EFI
Rising Edge
CSYNC Pulse Width
Set up Time of RES to CLK Falling
Edge
Hold Time of RES to CLK Falling
Edge
Input Rising Edge Time
Input Falling Edge Time
tEHEL
tELEH
tELEL
tR1VCL
tR1VCH
tR1VCL
tCLR1X
tAYVCL
tCLAYX
tA1R1V
tCLA1X
tYHEH
tYHYL
tI1HCL
tCLI1H
tILIH
tIHIL
tEHYL
—
13
17
36
6
35
35
35
0
50
0
15
0
20
10
2 ¥ tELEL
65
20
—
—
24
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
15
15
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
MHz
ns
ns
ns
ns
ns
90% to 90%
10% to 10%
—
—
ASYNC
= High
ASYNC
= Low
—
—
—
—
—
—
—
—
—
—
—
—
—
Output Load
Capacitance
CLK output
CL = 100 pF
Others 30 pF
(VCC = 5 V ± 10%, Ta = –40 to 85°C)
Note: Parameters where timing has not been indicated in the above table are measured at
VL = 1.5 V and VH = 1.5 V for both inputs and outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com