Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080B Datasheet(PDF) 6 Page - STMicroelectronics

Part # M50FLW080B
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M50FLW080B Datasheet HTML 2Page - STMicroelectronics M50FLW080B Datasheet HTML 3Page - STMicroelectronics M50FLW080B Datasheet HTML 4Page - STMicroelectronics M50FLW080B Datasheet HTML 5Page - STMicroelectronics M50FLW080B Datasheet HTML 6Page - STMicroelectronics M50FLW080B Datasheet HTML 7Page - STMicroelectronics M50FLW080B Datasheet HTML 8Page - STMicroelectronics M50FLW080B Datasheet HTML 9Page - STMicroelectronics M50FLW080B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
List of figures
M50FLW080A, M50FLW080B
6/64
List of figures
Figure 1.
Logic diagram (FWH/LPC interface) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 2.
Logic diagram (A/A Mux interface) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 3.
PLCC connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 4.
TSOP32 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
TSOP40 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 6.
FWH Bus Read waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 7.
FWH Bus Write waveforms. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 8.
LPC Bus Read waveforms (1-byte) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 9.
LPC Bus Write waveforms (1 byte). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 10.
FWH/LPC interface AC measurement I/O waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 11.
A/A Mux interface AC measurement I/O waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 12.
AC measurement load circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 13.
FWH/LPC interface clock waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 14.
FWH/LPC interface AC signal timing waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 15.
Reset AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 16.
A/A Mux interface Read AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Figure 17.
A/A Mux interface Write AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 18.
PLCC32 – 32 pin Rectangular Plastic Leaded Chip Carrier, package outline . . . . . . . . . . 48
Figure 19.
TSOP32 – 32 lead Plastic Thin Small Outline, 8x14 mm, package outline . . . . . . . . . . . . 49
Figure 20.
TSOP40 – 40 lead Plastic Thin Small Outline, 10 x 20mm, package outline . . . . . . . . . . . 50
Figure 21.
Program flowchart and pseudo code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 22.
Double/Quadruple Byte Program flowchart and pseudo code (FWH mode only). . . . . . . . 57
Figure 23.
Quadruple Byte Program flowchart and pseudo code (A/A Mux interface only). . . . . . . . . 58
Figure 24.
Program Suspend and Resume flowchart and pseudo code . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 25.
Chip Erase flowchart and pseudo code (A/A Mux interface only). . . . . . . . . . . . . . . . . . . . 60
Figure 26.
Sector/Block Erase flowchart and pseudo code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 27.
Erase Suspend and Resume flowchart and pseudo code . . . . . . . . . . . . . . . . . . . . . . . . . 62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com