Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080B Datasheet(PDF) 7 Page - STMicroelectronics

Part # M50FLW080B
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M50FLW080B Datasheet HTML 3Page - STMicroelectronics M50FLW080B Datasheet HTML 4Page - STMicroelectronics M50FLW080B Datasheet HTML 5Page - STMicroelectronics M50FLW080B Datasheet HTML 6Page - STMicroelectronics M50FLW080B Datasheet HTML 7Page - STMicroelectronics M50FLW080B Datasheet HTML 8Page - STMicroelectronics M50FLW080B Datasheet HTML 9Page - STMicroelectronics M50FLW080B Datasheet HTML 10Page - STMicroelectronics M50FLW080B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
M50FLW080A, M50FLW080B
Summary description
7/64
1
Summary description
The M50FLW080 is a 8 Mbit (1M x8) non-volatile memory that can be read, erased and
reprogrammed. These operations can be performed using a single low voltage (3.0 to 3.6V)
supply. For fast programming and fast erasing on production lines, an optional 12V power
supply can be used to reduce the erasing and programming time.
The memory is divided into 16 Uniform Blocks of 64 KBytes each, three of which are divided
into 16 uniform sectors of 4 KBytes each (see Appendix A for details). All blocks and sectors
can be erased independently. So, it is possible to preserve valid data while old data is
erased. Blocks can be protected individually to prevent accidental program or erase
commands from modifying their contents.
Program and erase commands are written to the Command Interface of the memory. An on-
chip Program/Erase Controller simplifies the process of programming or erasing the
memory by taking care of all of the special operations that are required to update the
memory contents. The end of a program or erase operation can be detected and any error
conditions identified. The command set to control the memory is consistent with the JEDEC
standards.
Two different bus interfaces are supported by the memory:
●
The primary interface, the FWH/LPC Interface, uses Intel’s proprietary Firmware Hub
(FWH) and Low Pin Count (LPC) protocol. This has been designed to remove the need
for the ISA bus in current PC Chipsets. The M50FLW080 acts as the PC BIOS on the
Low Pin Count bus for these PC Chipsets.
●
The secondary interface, the Address/Address Multiplexed (or A/A Mux) Interface, is
designed to be compatible with current Flash Programmers, for production line
programming prior to fitting the device in a PC Motherboard.
In order to meet environmental requirements, ST offers the M50FLW080A and
M50FLW080B in ECOPACK® packages. ECOPACK® packages are Lead-free and RoHS
compliant. ECOPACK is an ST trademark. ECOPACK specifications are available at:
www.st.com.
The memory is supplied with all the bits erased (set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com