Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080B Datasheet(PDF) 25 Page - STMicroelectronics

Part # M50FLW080B
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M50FLW080B Datasheet HTML 21Page - STMicroelectronics M50FLW080B Datasheet HTML 22Page - STMicroelectronics M50FLW080B Datasheet HTML 23Page - STMicroelectronics M50FLW080B Datasheet HTML 24Page - STMicroelectronics M50FLW080B Datasheet HTML 25Page - STMicroelectronics M50FLW080B Datasheet HTML 26Page - STMicroelectronics M50FLW080B Datasheet HTML 27Page - STMicroelectronics M50FLW080B Datasheet HTML 28Page - STMicroelectronics M50FLW080B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
M50FLW080A, M50FLW080B
Command interface
25/64
4
Command interface
All Bus Write operations to the device are interpreted by the Command Interface.
Commands consist of one or more sequential Bus Write operations. An internal
Program/Erase Controller handles all timings, and verifies the correct execution of the
Program and Erase commands. The Program/Erase Controller provides a Status Register
whose output may be read at any time to monitor the progress or the result of the operation.
The Command Interface reverts to the Read mode when power is first applied, or when
exiting from Reset. Command sequences must be followed exactly. Any invalid combination
of commands will be ignored. See Table 11 for the available Command Codes.
The following commands are the basic commands used to read from, write to, and configure
the device. The following text descriptions should be read in conjunction with Table 13.
4.1
Read Memory Array command
The Read Memory Array command returns the device to its Read mode, where it behaves
like a ROM or EPROM. One Bus Write cycle is required to issue the Read Memory Array
command and return the device to Read mode. Once the command is issued, the device
remains in Read mode until another command is issued. From Read mode, Bus Read
operations access the memory array.
If the Program/Erase Controller is executing a Program or Erase operation, the device will
not accept any Read Memory Array commands until the operation has completed.
For a multibyte read, in the FWH mode, the address, that was transmitted with the
command, will be automatically aligned, according to the MSIZE granularity. For example, if
MSIZE=7, regardless of any values that are provided for A6-A0, the first output will be from
the location for which A6-A0 are all ‘0’s.
Table 11.
Command codes
Hexa-decimal
Command
10h
Alternative Program Setup, Double/Quadruple Byte Program Setup, Chip
Erase Confirm
20h
Block Erase Setup
32h
Sector Erase Setup
40h
Program, Double/Quadruple Byte Program Setup
50h
Clear Status Register
70h
Read Status Register
80h
Chip Erase Setup
90h
Read Electronic Signature
B0h
Program/Erase Suspend
D0h
Program/Erase Resume, Block Erase Confirm, Sector Erase Confirm
FFh
Read Memory Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com