Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080B Datasheet(PDF) 36 Page - STMicroelectronics

Part # M50FLW080B
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080B Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M50FLW080B Datasheet HTML 32Page - STMicroelectronics M50FLW080B Datasheet HTML 33Page - STMicroelectronics M50FLW080B Datasheet HTML 34Page - STMicroelectronics M50FLW080B Datasheet HTML 35Page - STMicroelectronics M50FLW080B Datasheet HTML 36Page - STMicroelectronics M50FLW080B Datasheet HTML 37Page - STMicroelectronics M50FLW080B Datasheet HTML 38Page - STMicroelectronics M50FLW080B Datasheet HTML 39Page - STMicroelectronics M50FLW080B Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Firmware Hub/low-pin-count (FWH/LPC) interface Configuration Registers
M50FLW080A,
36/64
6.1.3
Lock Down
The Lock Down Bit provides a mechanism for protecting software data from simple hacking
and malicious attack. When the Lock Down Bit is set, ‘1’, further modification to the Write
Lock, Read Lock and Lock Down Bits cannot be performed. A reset, or power-up, is required
before changes to these bits can be made. When the Lock Down Bit is reset, ‘0’, the Write
Lock, Read Lock and Lock Down Bits can be changed.
1.
In LPC mode, a most significant nibble, F, must be added to the memory address. For all registers, A22=0,
and the remaining address bits should be set according to the rules shown in the ADDR field of Table 6 to
Table 9.
Table 15.
Configuration Register map
Mnemonic
Register Name
Memory
Address
Default
Value
Access
Lock Registers (For details, see Appendix A)
GPI_REG
Firmware Hub/Low Pin Count (FWH/LPC)
General Purpose Input Register
FBC0100h
N/A
R
MANU_REG
Manufacturer Code Register
FBC0000h
20h
R
Table 16.
Lock Register bit definitions
Bit
Bit Name
Value
Function(1)
1.
Applies to the registers that are defined in Table 34 and Table 35.
7-3
Reserved
2
Read-Lock
‘1’
Bus Read operations in this Block or Sector always return 00h.
‘0’
Bus read operations in this Block or Sector return the Memory Array
contents. (Default value).
1
Lock-Down
‘1’
Changes to the Read-Lock bit and the Write-Lock bit cannot be
performed. Once a ‘1’ is written to the Lock-Down bit it cannot be
cleared to ‘0’; the bit is always reset to ‘0’ following a Reset (using RP
or INIT) or after power-up.
‘0’
Read-Lock and Write-Lock can be changed by writing new values to
them. (Default value).
0Write-Lock
‘1’
Program and Erase operations in this Block or Sector will set an error
in the Status Register. The memory contents will not be changed.
(Default value).
‘0’
Program and Erase operations in this Block or Sector are executed
and will modify the Block or Sector contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com