Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080B Datasheet(PDF) 20 Page - STMicroelectronics

Part # M50FLW080B
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M50FLW080B Datasheet HTML 16Page - STMicroelectronics M50FLW080B Datasheet HTML 17Page - STMicroelectronics M50FLW080B Datasheet HTML 18Page - STMicroelectronics M50FLW080B Datasheet HTML 19Page - STMicroelectronics M50FLW080B Datasheet HTML 20Page - STMicroelectronics M50FLW080B Datasheet HTML 21Page - STMicroelectronics M50FLW080B Datasheet HTML 22Page - STMicroelectronics M50FLW080B Datasheet HTML 23Page - STMicroelectronics M50FLW080B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Bus operations
M50FLW080A, M50FLW080B
20/64
Figure 6.
FWH Bus Read waveforms
Table 6.
FWH Bus Read field definitions
Clock
Cycle
Number
Clock
Cycle
Count
Field
FWH0-
FWH3
Memory
I/O
Description
1
1
START
1101b
I
On the rising edge of CLK with FWH4 Low, the contents of FWH0-
FWH3 indicate the start of a FWH Read cycle.
2
1
IDSEL
XXXX
I
Indicates which FWH Flash Memory is selected. The value on
FWH0-FWH3 is compared to the IDSEL strapping on the FWH
Flash Memory pins to select which FWH Flash Memory is being
addressed.
3-9
7
ADDR
XXXX
I
A 28-bit address is transferred, with the most significant nibble
first. For the multi-byte read operation, the least significant bits
(MSIZE of them) are treated as Don't Care, and the read operation
is started with each of these bits reset to 0. Address lines A20-21
and A23-27 are treated as Don’t Care during a normal memory
array access, with A22=1, but are taken into account for a register
access, with A22=0. (See Table 15)
10
1
MSIZE
XXXX
I
This one clock cycle is driven by the host to determine the number
of Bytes that will be transferred. M50FLW080 supports: single
Byte transfer (0000b), 2-Byte transfer (0001b), 4-Byte transfer
(0010b), 16-Byte transfer (0100b) and 128-Byte transfer (0111b).
11
1
TAR
1111b
I
The host drives FWH0-FWH3 to 1111b to indicate a turnaround
cycle.
12
1
TAR
1111b
(float)
O
The FWH Flash Memory takes control of FWH0-FWH3 during this
cycle.
13-14
2
WSYNC 0101b
O
The FWH Flash Memory drives FWH0-FWH3 to 0101b (short
wait-sync) for two clock cycles, indicating that the data is not yet
available. Two wait-states are always included.
15
1
RSYNC
0000b
O
The FWH Flash Memory drives FWH0-FWH3 to 0000b, indicating
that data will be available during the next clock cycle.
16-17
M=2n
DATA
XXXX
O
Data transfer is two CLK cycles, starting with the least significant
nibble. If multi-Byte read operation is enabled, repeat cycle-16 and
cycle-17 n times, where n = 2MSIZE.
previous
+1
1
TAR
1111b
O
The FWH Flash Memory drives FWH0-FWH3 to 1111b to indicate
a turnaround cycle.
previous
+1
1TAR
1111b
(float)
N/A
The FWH Flash Memory floats its outputs, the host takes control
of FWH0-FWH3.
AI08433B
CLK
FWH4
FWH0-FWH3
Number of
clock cycles
START
IDSEL
ADDR
MSIZE
TAR
SYNC
DATA
TAR
117123
M
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com