Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080B Datasheet(PDF) 26 Page - STMicroelectronics

Part # M50FLW080B
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080B Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M50FLW080B Datasheet HTML 22Page - STMicroelectronics M50FLW080B Datasheet HTML 23Page - STMicroelectronics M50FLW080B Datasheet HTML 24Page - STMicroelectronics M50FLW080B Datasheet HTML 25Page - STMicroelectronics M50FLW080B Datasheet HTML 26Page - STMicroelectronics M50FLW080B Datasheet HTML 27Page - STMicroelectronics M50FLW080B Datasheet HTML 28Page - STMicroelectronics M50FLW080B Datasheet HTML 29Page - STMicroelectronics M50FLW080B Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
Command interface
M50FLW080A, M50FLW080B
26/64
4.2
Read Status Register command
The Read Status Register command is used to read the Status Register. One Bus Write
cycle is required to issue the Read Status Register command. Once the command is issued,
subsequent Bus Read operations read the Status Register until another command is issued.
See the section on the Status Register for details on the definitions of the Status Register
bits.
4.3
Read Electronic Signature command
The Read Electronic Signature command is used to read the Manufacturer Code and the
Device Code. One Bus Write cycle is required to issue the Read Electronic Signature
command. Once the command is issued, the Manufacturer Code and Device Code can be
read using conventional Bus Read operations, and the addresses shown in Table 12.
The device remains in this mode until another command is issued. That is, subsequent Bus
Read operations continue to read the Manufacturer Code, or the Device Code, and not the
Memory Array.
4.4
Program command
The Program command can be used to program a value to one address in the memory array
at a time.
The Program command works by changing appropriate bits from ‘1’ to ‘0’. (It cannot change
a bit from ‘0’ back to ‘1’. Attempting to do so will not modify the value of the bit. Only the
Erase command can set bits back to ‘1’. and does so for all of the bits in the block.)
Two Bus Write operations are required to issue the Program command. The second Bus
Write cycle latches the address and data, and starts the Program/Erase Controller.
Once the command is issued, subsequent Bus Read operations read the value in the Status
Register. (See the section on the Status Register for details on the definitions of the Status
Register bits.)
If the address falls in a protected block, the Program operation will abort, the data in the
memory array will not be changed, and the Status Register will indicate the error.
During the Program operation, the memory will only accept the Read Status Register
command and the Program/Erase Suspend command. All other commands are ignored.
See Figure 21, for a suggested flowchart on using the Program command. Typical Program
times are given in Table 18.
Table 12.
Electronic Signature Codes
Code
Address(1)
1.
A22 should be ‘1’, and the ID lines and upper address bits should be set according to the rules illustrated in
Table 5, Table 6 and Table 8.
Data
Manufacturer Code
...00000h
20h
Device Code
M50FLW080A
M50FLW080B
...00001h
80h
81h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com