Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080B Datasheet(PDF) 33 Page - STMicroelectronics

Part # M50FLW080B
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M50FLW080B Datasheet HTML 29Page - STMicroelectronics M50FLW080B Datasheet HTML 30Page - STMicroelectronics M50FLW080B Datasheet HTML 31Page - STMicroelectronics M50FLW080B Datasheet HTML 32Page - STMicroelectronics M50FLW080B Datasheet HTML 33Page - STMicroelectronics M50FLW080B Datasheet HTML 34Page - STMicroelectronics M50FLW080B Datasheet HTML 35Page - STMicroelectronics M50FLW080B Datasheet HTML 36Page - STMicroelectronics M50FLW080B Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
M50FLW080A, M50FLW080B
Status Register
33/64
5.6
Program Suspend status (bit SR2)
This bit indicates that a Program operation has been suspended, and that it is waiting to be
resumed. The Program Suspend Status should only be considered valid when the
Program/Erase Controller Status bit is ‘1’ (Program/Erase Controller inactive). After a
Program/Erase Suspend command is issued, the memory may still complete the operation
instead of entering the Suspend mode.
When the Program Suspend Status bit is ‘0’, the Program/Erase Controller is active, or has
completed its operation. When the bit is ‘1’, a Program/Erase Suspend command has been
issued and the memory is waiting for a Program/Erase Resume command.
When a Program/Erase Resume command is issued, the Program Suspend Status bit
returns to ‘0’.
5.7
Block/Sector Protection status (bit SR1)
The Block/Sector Protection Status bit can be used to identify if the Program or Erase
operation has tried to modify the contents of a protected block or sector. When the
Block/Sector Protection Status bit is reset to ‘0’, no Program or Erase operations have been
attempted on protected blocks or sectors since the last Clear Status Register command or
hardware reset. When the Block/Sector Protection Status bit is ‘1’, a Program or Erase
operation has been attempted on a protected block or sector.
Once it is set to ‘1’, the Block/Sector Protection Status bit can only be reset to ‘0’ by a Clear
Status Register command or by a hardware reset. If it is set to ‘1’, it should be reset before a
new Program or Erase command is issued, otherwise the new command will appear to have
failed, too.
Using the A/A Mux Interface, the Block/Sector Protection Status bit is always ‘0’.
5.8
Reserved (bit SR0)
Bit 0 of the Status Register is reserved. Its value should be masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com