Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080B Datasheet(PDF) 11 Page - STMicroelectronics

Part # M50FLW080B
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M50FLW080B Datasheet HTML 7Page - STMicroelectronics M50FLW080B Datasheet HTML 8Page - STMicroelectronics M50FLW080B Datasheet HTML 9Page - STMicroelectronics M50FLW080B Datasheet HTML 10Page - STMicroelectronics M50FLW080B Datasheet HTML 11Page - STMicroelectronics M50FLW080B Datasheet HTML 12Page - STMicroelectronics M50FLW080B Datasheet HTML 13Page - STMicroelectronics M50FLW080B Datasheet HTML 14Page - STMicroelectronics M50FLW080B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
M50FLW080A, M50FLW080B
Summary description
11/64
Figure 5.
TSOP40 connections
Table 3.
Addresses (M50FLW080A)
Block Size (KByte)
Address Range
Sector Size (KByte)
64
F0000h-FFFFFh
16 x 4 KBytes
64
E0000h-EFFFFh
16 x 4 KBytes
64
D0000h-DFFFFh
13 x 64 KBytes
64
C0000h-CFFFFh
64
B0000h-BFFFFh
64
A0000h-AFFFFh
64
90000h-9FFFFh
64
80000h-8FFFFh
64
70000h-7FFFFh
64
60000h-6FFFFh
64
50000h-5FFFFh
64
40000h-4FFFFh
64
30000h-3FFFFh
64
20000h-2FFFFh
64
10000h-1FFFFh
64
00000h-0FFFFh
16 x 4 KBytes
AI09232C
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A9
A8
W
VSS
VCC
DQ7
G
NC
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
ID1/RFU
FWH1/LAD1
FWH2/LAD2
GPI3
TBL
ID2
GPI0
WP
NC
VCC
NC
IC (VIL)
RFU
GPI4
NC
VSS
FWH4/LFRAME
RFU
FWH3/LAD3
VSS
VCC
RFU
RFU
NC
CLK
RP
NC
VPP
VCC
NC
M50FLW080A
M50FLW080B
10
1
11
20
21
30
31
40
ID3
NC
INIT
NC
NC
GPI2
FWH0/LAD0
GPI1
ID0/RFU
VSS
NC
NC
NC
IC (VIH)
NC
NC
NC
NC
RC
RP
VPP
VCC
NC
A10
VSS
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com