Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FLW080B Datasheet(PDF) 30 Page - STMicroelectronics

Part # M50FLW080B
Description  8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW080B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M50FLW080B Datasheet HTML 26Page - STMicroelectronics M50FLW080B Datasheet HTML 27Page - STMicroelectronics M50FLW080B Datasheet HTML 28Page - STMicroelectronics M50FLW080B Datasheet HTML 29Page - STMicroelectronics M50FLW080B Datasheet HTML 30Page - STMicroelectronics M50FLW080B Datasheet HTML 31Page - STMicroelectronics M50FLW080B Datasheet HTML 32Page - STMicroelectronics M50FLW080B Datasheet HTML 33Page - STMicroelectronics M50FLW080B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Command interface
M50FLW080A, M50FLW080B
30/64
Table 13.
Commands
Command
Bus operations(1)
1st
2nd
3rd
4th
5th
Addr Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read Memory Array(2),(3),(4)
1+
X
FFh
Read
Addr
Read
Data
(Read
Addr2)
(Read
Data2)
(Read
Addr3)
(Read
Data3)
(Read
Addr4)
(Read
Data4)
Read Status Register(5),(3)
1+
X
70h
X
Status
Reg
(X)
(Status
Reg)
(X)
(Status
Reg)
(X)
(Status
Reg)
Read Electronic Signature(3)
1+
X
90h or
98h
Sig
Addr
Signat
ure
(Sig
Addr)
(Signat
ure)
(Sig
Addr)
(Signatu
re)
(Sig
Addr)
(Signat
ure)
Program / Multiple Byte
program (FWH)(6),(7),(4)
2X
40h or
10h
Prog
Addr
Prog
Data
Quadruple Byte Program
(A/A Mux)(6),(8)
5X
30h
A1
Prog
Data1
A2
Prog
Data2
A3
Prog
Data3
A4
Prog
Data4
Chip Erase(6)
2
X
80h
X
10h
Block Erase(6)
2X
20h
BA
D0h
Sector Erase(6)
2X
32h
SA
D0h
Clear Status Register(9)
1X
50h
Program/Erase suspend(10)
1X
B0h
Program/Erase resume(11)
1X
D0h
Invalid reserved(12)
1X
00h
1X
01h
1X
60h
1X
2Fh
1X
C0h
1.
For all commands: the first cycle is a Write. For the first three commands (Read Memory, Read Status Register, Read
Electronic Signature), the second and next cycles are READ. For the remaining commands, the second and next cycles
are WRITE.
BA = Any address in the Block, SA = Any address in the Sector. X = Don’t Care, except that A22=1 (for FWH or LPC
mode), and A21 and A20 are set according to the rules shown in Table 5 (for LPC mode)
2.
After a Read Memory Array command, read the memory as normal until another command is issued.
3.
“1+” indicates that there is one write cycle, followed by any number of read cycles.
4.
Configuration registers are accessed directly without using any specific command code. A single Bus Write or Bus Read
Operation is all that is needed.
5.
After a Read Status Register command, read the Status Register as normal until another command is issued.
6.
After the erase and program commands read the Status Register until the command completes and another command is
issued.
7.
Multiple Byte Program PA= start address, A0 (Double Byte Program) A0 and A1 (Quadruple Byte Program) are Don`t
Care. PD is two or four Bytes depending on Msize code.
8.
Addresses A1, A2, A3 and A4 must be consecutive addresses, differing only in address bits A0 and A1.
9.
After the Clear Status Register command bits SR1, SR3, SR4 and SR5 in the Status Register are reset to ‘0’.
10. While an operation is being Program/Erase Suspended, the Read Memory Array, Read Status Register, Program (during
Erase Suspend) and Program/Erase Resume commands can be issued.
11. The Program/Erase Resume command causes the Program/Erase suspended operation to resume. Read the Status
Register until the Program/Erase Controller completes and the memory returns to Read Mode.
12. Do not use Invalid or Reserved commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com