Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE2P064B Datasheet(PDF) 12 Page - Generalplus Technology Inc.

Part # GPCE2P064B
Description  16-bit Sound Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2P064B Datasheet(HTML) 12 Page - Generalplus Technology Inc.

Back Button GPCE2P064B Datasheet HTML 8Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 9Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 10Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 11Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 12Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 13Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 14Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 15Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 16Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
GPCE2P064B
© Generalplus Technology Inc.
Proprietary & Confidential
12
Apr. 07, 2015
Version: 1.2
key wakeup port.
To activate key wakeup function, latch data on
Port_IOA_Data and enable the key wakeup function.
Wakeup is
triggered when the PortA state is different from at the time
latched.
Furthermore, the I/O ports can be operated at 5V level,
higher than the CPU core which is a 3V level system.
Suppose
system operating voltage is running at 3.3V, VDDIO (power for
I/O) operates from 3.3V to 5.5V.
In such condition, the I/O pad
is capable of operating from 0V through VDDIO.
The following
diagram is an I/O schematic.
Although data can be written into
the same register through Port_Data and Port_Buffer, they can
be read from different places, Buffer (R) and Data (R).
Register
Control
logic
pull high
pull low
Pin pad
Buffer(R)
Data(R)
Port_Data(W)
Port_Buffer(W)
Port_DIR(R/W)
Port_ATTR(R/W)
In addition to a general purpose I/O port function, PortA/B also
shares/carries some special functions.
6.8 Timer / Counter
GPCE2P064B provides three 16-bit timers/counters - TimerA,
TimerB and TimerC or so called universal counters.
The clock
source of Timer A/B/C are from clock source Input 1 and clock
source Input 2 (see below table) which perform AND operation to
form the varieties of combinations.
When timer overflows, a
timeout signal (TAOUT) is sent to CPU interrupt module to
generate a timer interrupt signal.
In addition, Timer A/B/C
hardware interrupt events can be used to latch the DAC audio
output and trigger ADC conversion.
6.9 IO PWM
One IO PWMs which duty is selected from 1/256 to 254/256.
Example the below figure is a 3/256-duration cycle.
The PWMO
waveform
is
made
by
selecting
a
pulse
width
through
Port_PWM_Ctrl.
As a result, each 256 cycles will generate a
pulse width defined in control port.
These PWM signals can be
applied for controlling the speed of motor or other devices.
Tpwmo
Tduty
PWMO
TimerA_Timeout
...
...
...
1
2
3
4
5
6
7
8
9
1
2
3
4
5
251
252
253
254
255
256
6.10Timebase
Timebase, generated by 32kHz crystal oscillator, is a combination
of frequency selection.
Furthermore, timebase generates 4KHz,
2KHz, 512Hz, 64Hz, 16Hz and 2Hz interrupt sources for
Real-Time-Clock
6.11 Sleep Mode, Wakeup, and Watchdog
6.11.1 Sleep and wakeup modes
1)
Sleep: After power-on reset, IC starts running until a sleep
command is issued.
When a sleep command is
accepted, IC will turn the system clock (PLL) off.
After all, it enters sleep mode.
2)
Wakeup: CPU awaking from sleep mode requires a wakeup
signal to turn the system clock (PLL) on.
The
FIQ/IRQ signal makes CPU to complete the
wakeup process and initialization.
6.11.2 Watchdog Reset
The GPCE2P064B provides another important feature, watchdog
reset.
If the watchdog function is enabled, a reset signal is
generated to reset system when watchdog counter is overflow.
The purpose of watchdog is to monitor whether the system
operates normally.
Within a certain period, watchdog register
must be cleared.
If it is not cleared, CPU assumes the program
has been running in an abnormal condition.
As a result, the
CPU will reset the system to the initial state and start running the
program all over again.
6.12 Soft Reset Protection
Software reset.
Writing $5555 into P_System_Reset will reset
the whole system similar to hardware reset (pull low RESETB
pin), except a flag will set on in P_System_LVD_Ctrl(R/W).
6.13 ADC (Analog to Digital Converter) / DAC
The GPCE2P064B has eight channels 12-bit ADC (Analog to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com