Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE2P064B Datasheet(PDF) 15 Page - Generalplus Technology Inc.

Part # GPCE2P064B
Description  16-bit Sound Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2P064B Datasheet(HTML) 15 Page - Generalplus Technology Inc.

Back Button GPCE2P064B Datasheet HTML 11Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 12Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 13Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 14Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 15Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 16Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 17Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 18Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 19Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
GPCE2P064B
© Generalplus Technology Inc.
Proprietary & Confidential
15
Apr. 07, 2015
Version: 1.2
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Output Low Current
(PA[3:0], PB[3:0])
IOL
-
11
-
mA
VOL = 0.3VDDIO
Output Low Current
(PA[7:4])
IOL
-
25
-
mA
VOL = 0.3VDDIO
Input Pull-Low Resister
(PA15:0)
RPL
-
120
-
K
VIN = VDDIO
Input Pull-Low Resister
(PB[3:0])
RPL
-
1200
-
K
VIN = VDDIO
Input Pull-High Resister
(PA15:0, PB3:0)
RPH
-
110
-
K
VIN = VSS
Internal
ROSC
frequency
deviation
⊿F/F
-3%
32768
+3%
HZ
V3_REGO = 3.0V
7.4 DAC Characteristics (VDD_DAC = 5.0V, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Min.
Typ.
Max.
DAC Resolution
RESO
-
-
14
bit
THD+n (5V @0.6W)
-
-
1
-
%
Noise at No Signal
-
-
-97
-
dBr A
Dynamic Range(-60dB)
-
-
-82
-
dBr A
7.5 Regulator Characteristics (TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Input Voltage
VDD_REG
2.4
-
5.5
V
Maximum Current Output
IREGO
-
-
40
mA VDD_REG (Regulator in )= 4.5V,
VDD (Regulator out) <100mV
Output Voltage
V3_REGO 2.85
3.0
3.15
V
VDD_REG > 3.2V and V3_REGO is 3.0V
Standby Current
IRGES
-
2.5
-
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com