Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE2P064B Datasheet(PDF) 16 Page - Generalplus Technology Inc.

Part # GPCE2P064B
Description  16-bit Sound Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2P064B Datasheet(HTML) 16 Page - Generalplus Technology Inc.

Back Button GPCE2P064B Datasheet HTML 12Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 13Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 14Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 15Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 16Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 17Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 18Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 19Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 20Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
GPCE2P064B
© Generalplus Technology Inc.
Proprietary & Confidential
16
Apr. 07, 2015
Version: 1.2
7.6 Pull High Resister and VDDIO
111
111
111
112
112
112
112
112
113
113
2
3
4
5
6
VDD(V)
7.7 Pull Low Resister and VDDIO (Normal PAD)
110.6
110.7
110.8
110.9
111.0
111.1
111.2
111.3
111.4
111.5
2
3
4
5
6
VDD(V)
7.8 Pull Low Resister and VDDIO (IOB[3:0] PAD with
input high)
1102.00
1102.05
1102.10
1102.15
1102.20
1102.25
1102.30
1102.35
2
3
4
5
6
VDD(V)
7.9 I/O Output High Current IOH and VDDIO
Test Condition: VOH = 0.7 * VDDIO
0
5
10
15
20
25
30
35
2
3
4
5
6
VDD(V)
7.10 I/O Output Low Current IOL and VDDIO (Normal
Pad)
Test Condition: VOL = 0.3 * VDDIO (Normal PAD)
-30
-25
-20
-15
-10
-5
0
2
3
4
5
6
VDD(V)
7.11 I/O Output Low Current IOL and VDDIO (High
driving pad)
Test Condition: VOL = 0.3 * VDDIO (High Driving PAD)
-70
-60
-50
-40
-30
-20
-10
0
2
3
4
5
6
VDD(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com