Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE2P064B Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPCE2P064B
Description  16-bit Sound Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2P064B Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPCE2P064B Datasheet HTML 1Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 2Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 3Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 4Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 5Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 6Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 7Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 8Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
GPCE2P064B
© Generalplus Technology Inc.
Proprietary & Confidential
4
Apr. 07, 2015
Version: 1.2
4 BLOCK DIAGRAM
un'SP
16-bits CPU
AD Converter
MIC
16-bits Counter/Timer
/ Interrupt
General I/O Port
2K(word) Working
SRAM
PLL / System clock /
Reset Function
Memory Mapping & Control
IOA[15:0]
IOB[3:0]
MICIP
MICIN
RESETB
/ GPIO Special Function
TimeBase/WatchDog
Stack Protect /
/ PWM output
SPI
MICO
OPI
AGC
VMIC
VADREF
Push Pull DAC
AUDP
AUDN
ACIN
Words ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com