Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE2P064B Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPCE2P064B
Description  16-bit Sound Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2P064B Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPCE2P064B Datasheet HTML 7Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 8Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 9Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 10Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 11Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 12Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 13Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 14Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
GPCE2P064B
© Generalplus Technology Inc.
Proprietary & Confidential
11
Apr. 07, 2015
Version: 1.2
6 FUNCTION DESCRIPTIONS
6.1 CPU
The GPCE2P064B is equipped with a 16-bit
’nSP™, the newest
16-bit microprocessor (pronounced as micro-n-SP).
Eight
registers are involved in
’nSP™: R1 - R4 (General-purpose
registers), PC (Program Counter), SP (Stack Pointer), Base
Pointer (BP) and SR (Segment Register).
The interrupts include
three FIQs (Fast Interrupt Request) and eight IRQs (Interrupt
Request), plus one software-interrupt, BREAK.
6.2 Memory
6.2.1 SRAM
The amount of SRAM is 2K-word (including Stack), ranged from
$0000 through $07FF with access speed of two CPU clock
cycles.
6.2.2 OTP ROM
GPCE2P064B features a 32K-word high-speed OTP ROM.
6.3 PLL, Clock, Power Mode
6.3.1 PLL (Phase Lock Loop)
The purpose of PLL is to provide a base frequency (32kHz) and
to pump the frequency from 20.48MHz to 49.152MHz for system
clock (FOSC).
The default PLL frequency is 24.576MHz.
6.3.1.1
System clock
Basically, the system clock is provided by PLL and programmed
by the Port_SystemClock (R/W) to determine the clock frequency
for system.
The default system clock FOSC = 24.576MHz and
CPU clock is FOSC/8 if not specified.
The initial CPU clock is
Fosc/8 after system wakes up and adjusts to desired CPU clock
via programming the Port_SystemClock (R/W).
This avoids
ROM reading failure when system awakes.
6.3.1.2
32KHz clock
The 32KHz clock is normally used in watch, clock or other time
related products.
A 2Hz (0.5 seconds) function is loaded in
GPCE2P064B.
It counts the time as well as to wake CPU up
whenever 2Hz occurs.
Since the clock is generated each 0.5
seconds, time can be traced by the number of 32KHz
occurrences.
In addition, GPCE2P064B supports 32KHz
internal resistor oscillator in normal mode and auto-power-saving
mode.
6.4 Standby Mode
The GPCE2P064B features a power savings mode (or called
standby mode) for low power applications.
To enter standby
mode, the desired key wakeup port (IOA[15:0]) must be
configured to input first.
And read the Port_IOA_Data to latch
the IOA state before entering the standby mode.
Also
remember to enable the corresponding interrupt source(s) for
wakeup.
After that, stop the CPU clock by writing $5555 into
Port_System_Sleep(W) to enter standby mode.
In such mode,
SRAM and I/Os remain in the previous states until CPU being
awakened.
The wakeup sources in GPCE2P064B include KEY
wakeup (IOA[15:0]), 32KHz wakeup, FIQ and IRQ0 - IRQ7.
After GPCE2P064B is awakened, CPU will continue to execute
the program from where it slept.
Programmer can also enable
or disable the 32kHz when CPU is in standby mode.
6.5 Low Voltage Detection and Low Voltage Reset
6.5.1
Low voltage detection (LVD)
The Low Voltage Detection (LVD) reports the circumstance of
present voltage.
There are four LVD levels to be selected: 2.6V,
2.8V, 3.0V and 3.2V.
Those levels can be programmed via
P_LVD_Ctrl.
As an example here, suppose LVD is given 2.8V.
When the voltage drops below 2.8V, the b12 of P_LVD_Ctrl is
read as HIGH.
In such state, program can be designed to
response this condition.
6.5.2
Low voltage reset
In addition to the LVD, the GPCE2P064B has another important
function, Low Voltage Reset (LVR).
With the LVR function, a
reset signal is generated to reset system when the operating
voltage drops below LVR level.
Without LVR, the CPU becomes
unstable and malfunctions when the operating voltage drops
below LVR level.
The LVR will reset all functions to the initial
operational (stable) states when the voltage drops below LVR
level.
6.6 Interrupt
The GPCE2P064B has 13 interrupt sources, grouped into two
types, FIQ (Fast Interrupt Request) and IRQ (Interrupt request).
The priority of FIQ is higher than IRQ.
FIQ is a high-priority
interrupt while IRQ is the low-priority one.
An IRQ can be
interrupted by a FIQ, but not by another IRQ.
A FIQ cannot be
interrupted by any other interrupt sources.
6.7 I/O
Two I/O ports are built in GPCE2P064B - PortA and PortB, total
has 20 bit-programmable I/Os.
The PortA is a general purpose
I/O with programmable wakeup capability, i.e. IOA [15:0] is the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com