Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE2P064B Datasheet(PDF) 7 Page - Generalplus Technology Inc.

Part # GPCE2P064B
Description  16-bit Sound Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2P064B Datasheet(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPCE2P064B Datasheet HTML 3Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 4Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 5Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 6Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 7Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 8Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 9Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 10Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
GPCE2P064B
© Generalplus Technology Inc.
Proprietary & Confidential
7
Apr. 07, 2015
Version: 1.2
5.1.3 SOP24 (HS102) pin descriptions
Mnemonic
PIN No.
(HS102)
Type
Description
PORT A, Port B
IOA[0]
IOA[1]
IOA[12]
IOA[14]
IOA[15]
IOA[13]
IOA[8]
IOA[7]
IOA[6]
IOA[3]
14
15
16
17
18
19
20
22
23
24
I/O
IOA : bi-directional I/O ports
It can be programmed as wakeup I/O pins
IOB[0]
IOB[1]
IOB[2]
IOB[3]
9
10
11
12
I/O
IOB : bi-directional I/O ports
Under OTP ROM programming mode, IOB2SCK, IOB3SDA.
Power & GND
VDD_IOA
21
P
Power VDD for Port A
VDD_IOB
13
P
Power VDD for Port B
V3_REGO
3
P
3V power output from regulator
VDD_REG
4
P
Positive supply for regulator(2.4V~5.5V)
VSS_REG
5
G
Ground reference for regulator
OPTION
TEST
8
I
TEST Mode selection pin, high is test mode and low is normal mode (Pad internal pull low)
VPP
2
I
High voltage during OTP programming.
NC at the normal run.
EPM
1
I
Program control input. Connect to VDDIN during OTP programming. NC at normal run
PLL
VCOIN
6
I
PLL low pass filter input
Other Signal
RESETB
7
I
System reset pin (active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com