Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE2P064B Datasheet(PDF) 18 Page - Generalplus Technology Inc.

Part # GPCE2P064B
Description  16-bit Sound Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2P064B Datasheet(HTML) 18 Page - Generalplus Technology Inc.

Back Button GPCE2P064B Datasheet HTML 14Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 15Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 16Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 17Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 18Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 19Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 20Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 21Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 22Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
GPCE2P064B
© Generalplus Technology Inc.
Proprietary & Confidential
18
Apr. 07, 2015
Version: 1.2
8 APPLICATION CIRCUITS
8.1 Application Circuit with MIC_IN Selected
RESETB
IOA[15:0]
IOA[15:0]
IOB[3:0]
0.1uF
VMIC
MICP
MICN
AGC
0.1uF
VADREF
OPI
MICOUT
VCOIN
3.3K
3300pF
0.1uF
10uF
470K
3K
0.22uF
0.22uF
3K
1K
MIC
4.7uF
5.1K
0.22uF
5000pF
RESETB
AUDN
AUDP
8
Ω SPEAKER
0.1uF
10uF
VDD_REG
VSS_ REG
VSS_DAC
(2.4v~5.5v)
Battery
0.1uF
10uF
V3_REGO
2.4V~3.0V
0.1uF
10uF
V3_ADC
VSS_ADC
VDD_IOB
VDD_IOA
VSS_IO
VDD_PDAC
VDD_DAC
VSS_PDAC
IOB[3:0]
Note: V3_REGO is output of built-in regulator with maximum current 40mA.
It is recommended that only use it for internal power pad.
GPCE2P064B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com