Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE2P064B Datasheet(PDF) 22 Page - Generalplus Technology Inc.

Part # GPCE2P064B
Description  16-bit Sound Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2P064B Datasheet(HTML) 22 Page - Generalplus Technology Inc.

Back Button GPCE2P064B Datasheet HTML 17Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 18Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 19Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 20Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 21Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 22Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 23Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 24Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 25Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
GPCE2P064B
© Generalplus Technology Inc.
Proprietary & Confidential
22
Apr. 07, 2015
Version: 1.2
LQFP64 Package Information
Symbol
Dimension in mm
Min.
Typ.
Max.
A
-
-
1.60
A1
0.05
-
0.15
A2
1.35
1.40
1.45
b
0.17
0.22
0.27
c1
0.09
-
0.16
D
11.75
12.00
12.25
D1
9.90
10.00
10.10
E
11.75
12.00
12.25
E1
9.90
10.00
10.10
e
0.50 BSC
L
0.45
0.60
0.75
L1
1.00 REF
S
0.20 REF
θ
3.5° REF
θ1
5.0° REF
θ2
12° REF
θ3
12° REF
R1
0.16 REF
R2
0.15 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com