Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCE2P064B Datasheet(PDF) 14 Page - Generalplus Technology Inc.

Part # GPCE2P064B
Description  16-bit Sound Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE2P064B Datasheet(HTML) 14 Page - Generalplus Technology Inc.

Back Button GPCE2P064B Datasheet HTML 10Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 11Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 12Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 13Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 14Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 15Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 16Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 17Page - Generalplus Technology Inc. GPCE2P064B Datasheet HTML 18Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
GPCE2P064B
© Generalplus Technology Inc.
Proprietary & Confidential
14
Apr. 07, 2015
Version: 1.2
7 ELECTRICAL SPECIFICATIONS
7.1 Absolute Maximum Ratings
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 4.0V
PortA/B Pad Supply Voltage
VIO
< 7.0V
Input Voltage Range
VIN
-0.5V to V+ + 0.5V
Operating Temperature
TA
0℃ to +60℃
Storage Temperature
TSTO
-50℃ to +150℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause permanent damage to the device.
For normal operational conditions
see DC Electrical Characteristics.
7.2 DC Characteristics (V3_REGO = 3.0V, VDDIO = 4.5V (PortA & B), TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Operating Voltage
VDD_REG
2.4
-
5.5
V
-
Operating Current
IOP
-
13
-
mA
FOSC = 49.152MHz,
AD, DAC disable, no load
Standby Current
ISTB
-
-
5
A
Disable 32KHz, Disable PLL(FOSC)
10
A
Enable 32KHz,Disable PLL(FOSC)
Input High Level
VIH
0.7VDDIO
-
-
V
-
Input Low Level
VIL
-
-
0.3VDDIO
V
-
Output High Current
IOH
-
-20
-
mA
VOH = 0.7VDDIO
Output Low Current
(PA[3:0], PB[3:0])
IOL
-
20
-
mA
VOL = 0.3VDDIO
Output Low Current
(PA[7:4])
IOL
-
40
-
mA
VOL = 0.3VDDIO
Input Pull-Low Resister
(PA15:0)
RPL
-
120
-
K
VIN = VDDIO
Input Pull-Low Resister
(PB[3:0])
RPL
-
1200
-
K
VIN = VDDIO
Input Pull-High Resister
(PA15:0)
RPH
-
110
-
K
VIN = VSS
Internal
ROSC
frequency
deviation
⊿F/F
-3%
32768
+3%
HZ
V3_REGO = 3.0V
7.3 DC Characteristics (V3_REGO = 3.0V, VDDIO = 3.3V (PortA & B), TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Operating Voltage
VDD
2.4
-
5.5
V
-
Operating Current
IOP
-
13
-
mA
FOSC = 49.152MHz,
AD, DAC disable, no load
Standby Current
ISTB
-
-
3
A
Disable 32KHz, Disable PLL(FOSC)
6
A
Enable 32KHz,Disable PLL(FOSC)
Input High Level
VIH
0.7VDDIO
-
-
V
-
Input Low Level
VIL
-
-
0.3VDDIO
V
-
Output High Current
IOH
-
-11
-
mA
VOH = 0.7VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com