Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1482KSLAXCL Datasheet(PDF) 89 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 89 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 85Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 86Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 87Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 88Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 89Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 90Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 91Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 92Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 93Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 121 page
background image
Version 1.6
89
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Input / Output Capacitance
TOPER; VDDQ = 1.14-1.3V; VDDCA = 1.14-1.3V; VDD1 = 1.7-1.95V
Symbol
Parameter
LPDDR2 1066
Unit
Min
Max
CCK
Input capacitance :
CK,

1
2
pF
CDCK
Input capacitance delta :
CK,

0
0.2
pF
CI
Input capacitance:
all other input-only pins
1
2
pF
CDI
Input capacitance delta:
all other input-only pins
-0.4
0.4
pF
CIO
Input/output capacitance :
DQ, DQS,
, DM
1.25
2.5
pF
CDDQS
Input/output capacitance delta : DQS, 
0
0.25
pF
CDIO
Input/output capacitance delta : DQ, DM
-0.5
0.5
pF
CZQ
Input/output capacitance : ZQ
0
2.5
pF
Notes:
1. This parameter applies to die devices only (does not include package capacitance).
2. This parameter is not subject to production testing. It is verified by design and characterization. The capacitance is measured
according to JEP147 (procedure for measuring input capacitance using a vector network analyzer), with VDD1, VDD2, VDDQ
and VSS applied; all other pins are left floating.
3. Absolute value of CCK - .
4. CI applies to , CKE, and CA[9:0].
5. CDI = CI – 0.5 × (CCK + )
6. DM loading matches DQ and DQS.
7. MR3 I/O configuration DS OP[3:0] = 0001B (34.3 ohm typical)
8. Absolute value of CDQS and .
9. CDIO = CIO – 0.5 × (CDQS + ) in byte-lane.
10. Maximum external load capacitance on ZQ pin, including packaging, board, pin, resistor, and other LPDDR2 devices: 5pf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com