Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1482KSLAXCL Datasheet(PDF) 9 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 9 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 5Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 6Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 7Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 8Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 9Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 10Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 11Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 12Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 13Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 121 page
background image
Version 1.6
9
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Ball Description - 4Gb X8/X16 SLC NAND
Symbol
Type
Function
X8: I/O[7:0]
X16: I/O[15:0]
Input/output
Data Bus: The I/O0 to 7 pins are used as a port for transferring address, command and input/output data to
and from the device.
The I/O8 to 15 pins are used as a port for transferring input/ouput data to and from the device. I/O8 to 15
pins must be low level(VIL) when address and command are input.
CLE
Input
Command Latch Enable: The CLE input signal is used to control loading of the operation mode command
into the internal command register. The command is latched into the command register from the I/O port on
the rising edge of the
 signal while CLE is High.
ALE
Input
Address Latch Enable: The ALE signal is used to control loading address information into the internal
address register. Address information is latched into the address register from the I/O ports on the rising
edge of
 while ALE is High.

Input
Chip Enable: The device goes into a low-power Standby mode when
 goes High during the device is in
Ready state. The
 signal is ignored when device is in Busy state ( RY /  = L), such as during a Program
or Erase or Read operation, and will not enter Standby mode even if the
 input goes High.

Input
Read Enable: The
 signal controls serial data output. Data is available tREA after the falling edge of .
The internal column address counter is also incremented (Address = Address +1) on this falling edge.

Input
Write Enable: The
 signal is used to control the acquisition of data from the I/O port.

Input
Write Protect: The
 signal is used to protect the device from accidental programming or erasing. The
internal voltage regulator is reset when
 is Low. This signal is usually used protecting the data during the
power-on/off sequence when input signals are invalid.
RY/

Output
Ready / Busy Output: The RY /
 output signal is used to indicate the operation condition of the device.
The RY /
 signal is in Busy state ( RY /  =L) during the Program, Erase and Read operations and will
return to Ready state ( RY /
 =H) afeter completion of the operation. The output buffer for this signal is an
open drain and has to be pulled-up to Vccq with an appropriate resister.
If RY /
 signal is not pulled-up to Vccq ( “Open” state ), device operation cannot guarantee.
VCC
Supply
Power
VSS
Supply
Ground
NC
─
No Connect: These pins should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com