Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1482KSLAXCL Datasheet(PDF) 21 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 21 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 17Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 18Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 19Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 20Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 21Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 22Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 23Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 24Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 25Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
Version 1.6
21
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Command Table
Function
1stCycle
2ndCycle
Acceptable Command during Busy
Serial Data Input
80H
-
Read
00H
30H
Column Address Change in Serial Data Output
05H
E0H
Read with Data Cache
31H
-
Read Start for Last Page in Read Cycle with Data Cache
3FH
-
Auto Page Program
80H
10H
Column Address Change in Serial Data Input
85H
-
Auto Program with Data Cache
80H
15H
Multi Page Program
80H
11H
81H
15H
81H
10H
Read for Page Copy (2) with Data Out
00H
3AH
Auto Program with Data Cache during Page Copy (2)
8CH
15H
Auto Program for last page during Page Copy (2)
8CH
10H
Auto Block Erase
60H
D0H
ID Read
90H
-
Status Read
70H
-
O
Status Read for Multi-Page Program or Multi Block Erase
71H
-
O
Reset
FFH
-
O
Read mode operation states
CLE
ALE



I/O0 to I/O15
Power
Output Select
L
L
L
H
L
Data output
Active
Output Deselect
L
L
L
H
H
High impedance
Active
H: VIH, L=VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com