Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1482KSLAXCL Datasheet(PDF) 30 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 30 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 26Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 27Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 28Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 29Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 30Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 31Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 32Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 33Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 34Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 121 page
background image
Version 1.6
30
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Auto Page Program Operation
The device carries out an Automatic Page Program operation when it receives a "10h" Program command
after the address and data have been input. The sequence of command, address and data input is shown
below.
(Refer to the detailed timing chart.)
The data is transferred (programmed) from the Data Cache via the Page Buffer to the selected page on the
rising edge of
 following input of the “10h” command. After programming, the programmed data is
transferred back to the Page Buffer to be automatically verified by the device.
If the programming does not succeed, the Program/Verify operation is repeated by the device until success is
achieved or until the maximum loop number set in the device is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com