Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1482KSLAXCL Datasheet(PDF) 3 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 3 Page - Nanya Technology Corporation.

  NM1482KSLAXCL Datasheet HTML 1Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 2Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 3Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 4Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 5Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 6Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 7Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 8Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 121 page
background image
Version 1.6
3
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
NANYA MCP Part Numbering Guide
Reserve Code
AX
=Default
3
Grade
NA = Commercial Grade
L
Package
L= 162ball FBGA
NM
1
2K
S
C
Device Version
C = 3rd version
NANYA
MCP
Product Family
1 =SLC NAND + LPDDR2
Interface & Power (VDD1 , VDD2 , VDDQ , VDDCA)
L = HSUL_12 (1.8V, 1.2V, 1.2V, 1.2V)
DRAM Speed
B = 1066Mbps @ RL=8
48
NAND Organization
(Density, Config)
48= 4Gb x8
4F= 4Gb x16
DRAM Organization
(Density, Config)
2K= 2Gb x32
2N= 2Gb x16
AX
L
NAND Voltage
S= 1.8V
B
NAND Speed
3 = 300μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com