Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1482KSLAXCL Datasheet(PDF) 20 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 20 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 16Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 17Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 18Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 19Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 20Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 21Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 22Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 23Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 24Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 121 page
background image
Version 1.6
20
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Operation Mode: Logic and Command Tables
The operation modes such as Program, Erase, Read and Reset are controlled by operations shown in
command table. Address input, command input and data input/output are controlled by the CLE, ALE,
, ,
 and  signals, as shown in Mode Selection Table.
Logic Table
CLE
ALE




Mode
H
L
L
H
*
Command Input
L
L
L
H
H
Data Input
L
H
L
H
*
Address Input
L
L
L
H
*
Serial Data Output
*
*
*
*
*
H
During Program (Busy)
*
*
*
*
*
H
During Erase (Busy)
*
*
H
*
*
*
During Read (Busy)
*
*
L
H1
H1
*
*
*
*
*
*
L
Program, Erase Inhibit
*
*
H
*
*
0V/VCC
Stand-by
H: VIH, L=VIL *: VIH or VIL.
Note 1: If  is low during read busy.  and  must be held High to avoid unintended command/address input to
device or read to device. Reset or Status Read command can be input during Read Busy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com