Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1482KSLAXCL Datasheet(PDF) 32 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 32 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 28Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 29Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 30Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 31Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 32Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 33Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 34Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 35Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 36Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 121 page
background image
Version 1.6
32
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Multi Page Program
The device has a Multi Page Program, which enables even higher speed program operation compared to Auto
Page Program. The sequence of command, address and data input is shown below. (Refer to the detailed
timing chart.)
Although two planes are programmed simultaneously, pass/fail is not available for each page by "70h"
command when the program operation completes. Status bit of I/O 1
is set to “1” when any of the pages fails.
Limitation in addressing with Multi Page Program is shown below.
For X8 :
For X16 :
NOTE: Any command between 11h and 81h is prohibited except 70h and FFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com