Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1482KSLAXCL Datasheet(PDF) 4 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 4 Page - Nanya Technology Corporation.

  NM1482KSLAXCL Datasheet HTML 1Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 2Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 3Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 4Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 5Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 6Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 7Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 8Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 121 page
background image
Version 1.6
4
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Features
MCP
 Separate SLC NAND and LPDDR2 RAM interfaces
 Lead-free (RoHS compliant) and Halogen-free Package : 162-ball FBGA 8.00 x 10.50 x 1.00 (mm)
 Operating temperature range: –25°C to +85°C
4Gb X8/X16 SLC NAND
 Voltage Supply(VCC/VCCQ): 1.70V ~ 1.95V
 Organization
- X8 Memory Cell Array: 4352 x 128K x 8
- X8 Register: 4352 x 8
- X8 Page Program: 4352 Bytes
- X8 Block Erase: (256K + 16K) Bytes
- X16 Memory Cell Array: 2176 x 128K x 16
- X16 Register: 2176 x 16
- X16 Page Program: 2176 Words
- X16 Block Erase: (128K + 8K) Words
 Modes
Read, Reset, Auto Page Program, Auto Block Erase,
Status Read, Page Copy, Multi Page Program,
Multi Block Erase, Multi Page Copy, Multi Page Read
 Mode control
- Serial input/output
- Command control
 Number of valid blocks
- Min 2008 blocks
- Max 2048 blocks
 Access time
- Cell array to register
: 25μs max
- Serial Read Cycle: 25ns min (CL=30pF)
 Program/Erase time
- Auto Page Program: 30
0μs/page typical
- Auto Block Erase: 3.5ms/block typical
 Operating current
- Read (25ns cycle): 30 mA max
- Program (avg.): 30 mA max
- Erase (avg.): 30 mA max
- Standby: 50
μA max
 8 bit ECC for each 512 Bytes is required.
2Gb X16/X32 LPDDR2
 Speed, Addressing and Retention Specification
Organization
128Mb x 16
64Mb x 32
Speed Grade
1066 / RL=8
1066 / RL=8
Device Type
S4B
S4B
Number of Banks
8
8
Bank Address
BA0-BA2
BA0-BA2
Row
R0-R13
R0-R13
Column
C0-C9
C0-C8
tREFI (us)
3.9
3.9
 JEDEC LPDDR2 Compliant
- Low Power Consumption
- Double-data rate on DQs, DQS, DM and CA bus
- 4n Prefetch Architecture
 HSUL12 interface and Power Supply
- VDD1= 1.70 to 1.95V
- VDD2/VDDQ/VDDCA = 1.14 to 1.3V
 Signal Integrity
- Configurable DS for system compatibility
- ZQ calibration for the accuracy of output driver strength
over Process, Voltage and Temperature
 Training for Signals
’ Synchronization
- DQ Calibration offering specific DQ output patterns
 Data Integrity
- DRAM built-in Temperature Sensor for Temperature
Compensated Self Refresh (TCSR)
- Auto Refresh, Self Refresh and PASR Modes
 Power Saving Modes
- Deep Power Down Mode (DPD)
- Partial Array Self Refresh (PASR)
- Clock Stop capability during idle period
 Programmable Function
- Output Drive Impedance (34.3/40/48/60/80/120)
- Burst Lengths (4/8/16)
- Burst Type (Sequential/Interleaved)
- Read Latency (3/4/5/6/7/8),Write Latency (1/2/3/4)
- nWR (3/4/5/6/7/8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com