Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1482KSLAXCL Datasheet(PDF) 13 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 13 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 9Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 10Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 11Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 12Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 13Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 14Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 15Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 16Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 17Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 121 page
background image
Version 1.6
13
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Descriptions
The device is a single 1.8V 4Gbit (4,563,402,752 bits) NAND Electrically Erasable and Programmable
Read-Only Memory (NAND E2PROM) organized as X8: (4096 +256) bytes x 64 pages x 2048 blocks or X16:
(2048 + 128) words x 64 pages x 2048 blocks.
The device has two 4352-bytes or 2176-words static registers which allow program and read data to be
transferred between the register ad the memory cell array in 4352-bytes or 2176-words increments. The
Erase operation is implemented in a single block unit (X8=256 Kbytes + 16 Kbytes: 4352 bytes x 64 pages) or
(X16=128 Kwords + 8 Kwords: 2176 words x 64 pages).
The device is a serial-type memory device which utilizes the I/O pins for both address and data input/output
as well as for command inputs. The Erase and Program operations are automatically executed making the
device most suitable for applications such as solid-state file storage, voice recording, image file memory for
still cameras and other systems which require high-density non-volatile memory data storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com