Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 139 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 139 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 135Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 136Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 137Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 138Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 139Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 140Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 141Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 142Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 143Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 162 page
background image
Version 2.1
139
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Fundamental AC Specifications
– Operating Frequency
DDR3-1600 and DDR3L-1600
Speed Bins
DDR3(L)-1600
11-11-11
Unit
Parameter
Min
Max
tCK
(Avg)
CL6
CWL5
2.5
3.3
ns
CWL6
Reserved
ns
CWL7/8
Reserved
ns
CL7
CWL5
Reserved
ns
CWL6
1.875
< 2.5
ns
CWL7
Reserved
ns
CWL8
Reserved
ns
CL8
CWL5
Reserved
ns
CWL6
1.875
< 2.5
ns
CWL7
Reserved
ns
CWL8
Reserved
ns
CL9
CWL5/6
Reserved
ns
CWL7
1.5
<1.875
ns
CWL8
Reserved
ns
CL10
CWL5/6
Reserved
ns
CWL7
1.5
< 1.875
ns
CWL8
Reserved
ns
CL11
CWL5/6/7
Reserved
ns
CWL8
1.25
<1.5
ns
Supported CL
6, 7, 8, 9, 10, 11
nCK
Supported CWL
5, 6, 7, 8
nCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com