Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 142 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 142 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 138Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 139Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 140Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 141Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 142Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 143Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 144Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 145Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 146Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 162 page
background image
Version 2.1
142
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Command and Address Timing
DLL locking time
tDLLK
512
-
512
-
512
-
nCK
Internal READ Command to
PRECHARGE Command delay
tRTP
tRTPmin.: max(4tCK, 7.5ns)
tRTPmax.: -
Delay from start of internal write
transaction to internal read command
tWTR
tWTRmin.: max(4tCK, 7.5ns)
tWTRmax.: -
WRITE recovery time
tWR
15
-
15
-
15
-
ns
Mode Register Set command cycle time
tMRD
4
-
4
-
4
-
nCK
Mode Register Set command update delay
tMOD
tMODmin.: max(12tCK, 15ns)
tMODmax.:
ACT to internal read or write delay time
tRCD
Refer to “Fundamental AC Specifications”
PRE command period
tRP
ACT to ACT or REF command period
tRC
ACTIVE to PRECHARGE command period
tRAS
A to A command delay
tCCD
4
-
4
-
4
-
nCK
Auto precharge write recovery + precharge
time
tDAL(MIN)
WR + roundup(tRP / tCK(avg))
nCK
Multi-Purpose Register Recovery Time
tMPRR
1
-
1
-
1
-
nCK
ACTIVE to ACTIVE command period (1KB
page size)
tRRD
max(4tCK,1
0ns)
-
max(4t
CK,7.5n
s)
-
max(4tCK
,6ns)
-
ACTIVE to ACTIVE command period (2KB
page size)
tRRD
max(4tCK,1
0ns)
-
max(4t
CK,10n
s)
-
max(4tCK
,7.5ns)
-
Four activate window (1KB page size)
tFAW
40
-
37.5
-
30
-
ns
Four activate window (2KB page size)
tFAW
50
-
50
-
45
-
ns
Command and Address setup time to CK,
 referenced to Vih(ac) / Vil(ac) levels
tIS(BASE)
DDR3-AC175
200
-
125
-
65
-
ps
tIS(BASE)
DDR3-AC150
350
-
275
-
190
-
ps
tIS(BASE)
DDR3L-AC160
215
-
140
-
80
-
ps
tIS(BASE)
DDR3L-AC135
365
-
290
-
205
-
ps
Command and Address hold time from CK,
 referenced to Vih(dc) / Vil(dc) levels
tIH(BASE)
DDR3-DC100
275
-
200
-
140
-
ps
tIH(BASE)
DDR3L-DC90
285
-
210
-
150
-
ps
Control and Address Input pulse width for
each input
tIPW
900
-
780
-
620
-
ps
Calibration Timing
Power-up and RESET calibration time
tZQINIT
tZQINITmin: max(512tCK, 640ns)
tZQINITmax: -
Normal operation Full calibration time
tZQOPER
tZQOPERmin: max(256tCK, 320ns)
tZQOPERmax: -
Normal operation Short calibration time
tZQCS
tZQCSmin: max(64 tCK, 80ns)
tZQCSmax: -
Reset Timing
Exit Reset from CKE HIGH to a valid
command
tXPR
tXPRmin.: max(5 tCK, tRFC(min) + 10ns)
tXPRmax.: -
Self Refresh Timings
Exit Self Refresh to commands not requiring
a locked DLL
tXS
tXSmin.: max(5 tCK, tRFC (min) + 10ns)
tXSmax.: -
Exit Self Refresh to commands requiring a
locked DLL
tXSDLL
tXSDLLmin.: tDLLK(min)
tXSDLLmax.: -
nCK
Minimum CKE low width for Self Refresh
entry to
exit timing
tCKESR
tCKESRmin.: tCKE(min) + 1 tCK
tCKESRmax.: -
Valid Clock Requirement after Self Refresh
Entry (SRE) or Power-Down Entry (PDE)
tCKSRE
tCKSREmin.: max(5 tCK, 10 ns)
tCKSREmax.: -
Valid Clock Requirement before Self
Refresh Exit (SRX) or Power-Down Exit
(PDX) or Reset Exit
tCKSRX
tCKSRXmin.: max(5 tCK, 10 ns)
tCKSRXmax.: -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com