Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 144 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 144 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 140Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 141Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 142Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 143Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 144Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 145Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 146Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 147Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 148Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 162 page
background image
Version 2.1
144
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Timing Parameters for DDR3(L)-1600, DDR3(L)-1866, and DDR3-2133
Parameter
Symbol
DDR3(L)-1600
DDR3(L)-1866
DDR3-2133
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Clock Timing
Minimum Clock Cycle Time (DLL off mode)
tCK (DLL_off)
8
-
8
-
8
-
ns
Average Clock Period
tCK(avg)
Refer to “Fundamental AC Specifications”
Average high pulse width
tCH(avg)
0.47
0.53
0.47
0.53
0.47
0.53
tCK(avg)
Average low pulse width
tCL(avg)
0.47
0.53
0.47
0.53
0.47
0.53
tCK(avg)
Absolute Clock Period
tCK(abs)
Min.: tCK(avg)min + tJIT(per)min
Max.: tCK(avg)max + tJIT(per)max
Absolute clock HIGH pulse width
tCH(abs)
0.43
-
0.43
-
0.43
-
tCK(avg)
Absolute clock LOW pulse width
tCL(abs)
0.43
-
0.43
-
0.43
-
tCK(avg)
Clock Period Jitter
JIT(per)
-70
70
-60
60
-50
50
ps
Clock Period Jitter during DLL locking period
JIT(per, lck)
-60
60
-50
50
-40
40
ps
Cycle to Cycle Period Jitter
tJIT(cc)
140
120
100
Cycle to Cycle Period Jitter during DLL
locking period
JIT(cc, lck)
120
100
80
Duty Cycle Jitter
tJIT(duty)
-
-
-
-
-
-
ps
Cumulative error across n = 2, 14 . . . 49, 50
cycles
tERR(nper)
tERR(nper) min = (1 + 0.68ln(n)) * tJIT(per)min
tERR (nper) max = (1 + 0.68ln(n)) * tJIT (per)max
ps
Data Timing
DQS,
 to DQ skew, per group, per
access
tDQSQ
-
100
-
85
-
75
ps
DQ output hold time from DQS,

tQH
0.38
-
0.38
-
0.38
-
tCK(avg)
DQ low-impedance time from CK,

tLZ(DQ)
-450
225
-390
195
-360
180
ps
DQ high impedance time from CK,

tHZ(DQ)
-
225
-
195
-
180
ps
Data setup time to DQS,
 referenced to
Vih(ac) / Vil(ac) levels
tDS(base)
DDR3-1600(AC
175)
DDR3-1866/21
33(AC150)
-
-
-
-
-
-
ps
tDS(base)
DDR3-1600(AC
150)
DDR3-1866/21
33(AC135)
10
-
68
-
53
-
ps
tDS(base)
DDR3L-1600(AC1
35)
,SR=1V/ns
DDR3L-1866(AC1
30),SR=2V/ns
25
-
70
-
-
-
ps
Data hold time from DQS,
 referenced
to
Vih(dc) / Vil(dc) levels
tDH(base)
DC100
45
-
-
-
-
-
ps
tDH(base)
DC90
DDR3L-1600(SR
=1V/ns)
DDR3L-1866(SR
=2V/ns)
55
-
75
-
-
-
ps
DQ and DM Input pulse width for each input
tDIPW
360
-
320
-
280
-
ps
Data Strobe Timing
DQS,
 differential READ Preamble
tRPRE
0.9
Note 19
0.9
Note 19
0.9
Note 19
tCK(avg)
DQS,
 differential READ Postamble
tRPST
0.3
Note 11
0.3
Note 11
0.3
Note 11
tCK(avg)
DQS,
 differential output high time
tQSH
0.4
-
0.4
-
0.4
-
tCK(avg)
DQS,
 differential output low time
tQSL
0.4
-
0.4
-
0.4
-
tCK(avg)
DQS,
 differential WRITE Preamble
tWPRE
0.9
-
0.9
-
0.9
-
tCK(avg)
DQS,
 differential WRITE Postamble
tWPST
0.3
-
0.3
-
0.3
-
tCK(avg)
DQS,
 rising edge output access time
from rising CK,

tDQSCK
-225
225
-195
195
-180
180
ps
DQS and
 low-impedance time
(Referenced from RL
– 1)
tLZ(DQS)
-450
225
-390
195
-360
180
ps
DQS and
 high-impedance time
tHZ(DQS)
-
225
-
195
-
180
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com